Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CV320K7AL1 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CV320K7AL1
Description  CV Series - Medium Voltage Disc Varistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CV320K7AL1 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CV320K7AL1 Datasheet HTML 1Page - Bourns Electronic Solutions CV320K7AL1 Datasheet HTML 2Page - Bourns Electronic Solutions CV320K7AL1 Datasheet HTML 3Page - Bourns Electronic Solutions CV320K7AL1 Datasheet HTML 4Page - Bourns Electronic Solutions CV320K7AL1 Datasheet HTML 5Page - Bourns Electronic Solutions CV320K7AL1 Datasheet HTML 6Page - Bourns Electronic Solutions CV320K7AL1 Datasheet HTML 7Page - Bourns Electronic Solutions CV320K7AL1 Datasheet HTML 8Page - Bourns Electronic Solutions CV320K7AL1 Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
3312 - 2 mm SMD Trimming Potentiometer
CV Series - Medium Voltage Disc Varistors
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Device Ratings
Model
Vrms
Vdc
Vn
@ 1 mA
Vc
Ic
Wmax
10/1000 µs
P
max.
Imax
8/20 µs
C Typ.
@ 1 kHz
V
V
V
V
A
J
W
A
pF
CV 50 K 5
50
65
82
135
5
2.7
0.1
400
350
CV 50 K 7
50
65
82
135
10
6.8
0.25
1200
820
CV 50 K 10
50
65
82
135
25
17
0.4
2500
1400
CV 50 K 14
50
65
82
135
50
35
0.6
4500
2600
CV 50 K 20
50
65
82
135
100
75
1
6500
5000
CV 60 K 5
60
85
100
165
5
3
0.1
400
300
CV 60 K 7
60
85
100
165
10
7
0.25
1200
680
CV 60 K 10
60
85
100
165
25
16
0.4
2500
1200
CV 60 K 14
60
85
100
165
50
34
0.6
4500
2200
CV 60 K 20
60
85
100
165
100
71
1
6500
4100
CV 75 K 5
75
100
120
200
5
4
0.1
400
250
CV 75 K 7
75
100
120
200
10
9
0.25
1200
550
CV 75 K 10
75
100
120
200
25
21
0.4
2500
950
CV 75 K 14
75
100
120
200
50
41
0.6
4500
1800
CV 75 K 20
75
100
120
200
100
81
1
6500
3300
CV 95 K 5
95
125
150
250
5
6
0.1
400
200
CV 95 K 7
95
125
150
250
10
11
0.25
1200
440
CV 95 K 10
95
125
150
250
25
25
0.4
2500
750
CV 95 K 14
95
125
150
250
50
51
0.6
4500
1400
CV 95 K 20
95
125
150
250
100
106
1
6500
2600
CV 115 K 5
115
150
180
300
5
6
0.1
400
170
CV 115 K 7
115
150
180
300
10
13
0.25
1200
360
CV 115 K 10
115
150
180
300
25
30
0.4
2500
650
CV 115 K 14
115
150
180
300
50
62
0.6
4500
1200
CV 115 K 20
115
150
180
300
100
118
1
6500
2100
CV 130 K 5
130
170
205
340
5
7
0.1
400
150
CV 130 K 7
130
170
205
340
10
15
0.25
1200
320
CV 130 K 10
130
170
205
340
25
34
0.4
2500
580
CV 130 K 14
130
170
205
340
50
68
0.6
4500
1050
CV 130 K 20
130
170
205
340
100
142
1
6500
1900
CV 140 K 5
140
180
220
360
5
7
0.1
400
140
CV 140 K 7
140
180
220
360
10
18
0.25
1200
1200
CV 140 K 10
140
180
220
360
25
37
0.4
2500
2500
CV 140 K 14
140
180
220
360
50
75
0.6
4500
4500
CV 140 K 20
140
180
220
360
100
157
1
6500
6500
CV 150 K 5
150
200
240
395
5
9
0.1
400
130
CV 150 K 7
150
200
240
395
10
18
0.25
1200
280
CV 150 K 10
150
200
240
395
25
41
0.4
2500
510
CV 150 K 14
150
200
240
395
50
81
0.6
4500
900
CV 150 K 20
150
200
240
395
100
170
1
6500
1550
CV 175 K 5
175
225
270
455
5
9.5
0.1
400
120
CV 175 K 7
175
225
270
455
10
21
0.25
1200
250
CV 175 K 10
175
225
270
455
25
46
0.4
2500
440
CV 175 K 14
175
225
270
455
50
95
0.6
4500
800
CV 175 K 20
175
225
270
455
100
193
1
6500
1400
Continued on Next Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com