Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC1G34DBVR Datasheet(PDF) 17 Page - Texas Instruments

Part # SN74LVC1G34DBVR
Description  SN74LVC1G34 Single Buffer Gate
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G34DBVR Datasheet(HTML) 17 Page - Texas Instruments

Back Button SN74LVC1G34DBVR Datasheet HTML 13Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 14Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 15Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 16Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 17Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 18Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 19Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 20Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
9 Device and Documentation Support
TI offers an extensive line of development tools. Tools and software to evaluate the performance of the device,
generate code, and develop solutions are listed below.
9.1 Documentation Support
9.1.1 Related Documentation
For related documentation, see the following:
• Texas Instruments, CMOS Power Consumption and Cpd Calculation application note
• Texas Instruments, Designing With Logic application note
• Texas Instruments, Thermal Characteristics of Standard Linear and Logic (SLL) Packages and Devices
application note
9.2 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
9.3 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
9.4 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
9.5 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
9.6 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
10 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision N (June 2025) to Revision O (October 2025)
Page
• Changed Junction-to-ambient thermal resistance value for DCK package from: 278°C/W to: 371.0°C/W .......5
• Changed Junction-to-case (top) thermal resistance value for DCK package from: 93°C/W to: 297.5°C/W.......5
• Changed Junction-to-board thermal resistance value for DCK package from: 65°C/W to: 258.6°C/W............. 5
• Changed Junction-to-top characterization value for DCK package from: 2°C/W to: 195.6°C/W........................5
• Changed Junction-to-board characterization value for DCK package from: 64°C/W to: 256.2°C/W..................5
www.ti.com
SN74LVC1G34
SCES519O – DECEMBER 2003 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: SN74LVC1G34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com