Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC1G34DBVR Datasheet(PDF) 18 Page - Texas Instruments

Part # SN74LVC1G34DBVR
Description  SN74LVC1G34 Single Buffer Gate
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G34DBVR Datasheet(HTML) 18 Page - Texas Instruments

Back Button SN74LVC1G34DBVR Datasheet HTML 14Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 15Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 16Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 17Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 18Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 19Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 20Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 21Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
Changes from Revision M (April 2016) to Revision N (June 2025)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Changed Device Information table to Package Information .............................................................................. 1
• Changed Junction-to-ambient thermal resistance value for DBV package from: 229°C/W to: 357.1°C/W ....... 5
• Changed Junction-to-case (top) thermal resistance value for DBV package from: 164°C/W to: 263.7°C/W ....5
• Changed Junction-to-board thermal resistance value for DBV package from: 62°C/W to: 264.4°C/W .............5
• Changed Junction-to-top characterization value for DBV package from: 44°C/W to: 195.6°C/W .....................5
• Changed Junction-to-board characterization value for DBV package from: 62°C/W to: 262.2°C/W .................5
11 Mechanical, Packaging, and Orderable Information
The following pages include mechanical packaging and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
SN74LVC1G34
SCES519O – DECEMBER 2003 – REVISED OCTOBER 2025
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: SN74LVC1G34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com