Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC1G34DBVT.B Datasheet(PDF) 37 Page - Texas Instruments

Part # SN74LVC1G34DBVT.B
Description  SN74LVC1G34 Single Buffer Gate
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G34DBVT.B Datasheet(HTML) 37 Page - Texas Instruments

Back Button SN74LVC1G34DBVT.B Datasheet HTML 33Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 34Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 35Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 36Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 37Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 38Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 39Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 40Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
www.ti.com
PACKAGE OUTLINE
1.7
1.5
2X 0.5
2X 1
5X
0.3
0.1
0.6 MAX
5X
0.18
0.08
5X
0.4
0.2
0.05
0.00
TYP
5X
0.27
0.15
2X 0 -10
2X 4 -15
1.3
1.1
1.7
1.5
NOTE 3
SOT - 0.6 mm max height
DRL0005A
PLASTIC SMALL OUTLINE
4220753/E 11/2024
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. Reference JEDEC registration MO-293 Variation UAAD-1
1
5
PIN 1
ID AREA
3
4
SEATING PLANE
0.05 C
SCALE 8.000
0.1
C A B
0.05
C
SYMM
SYMM
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com