Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC1G34DBVT.B Datasheet(PDF) 12 Page - Texas Instruments

Part # SN74LVC1G34DBVT.B
Description  SN74LVC1G34 Single Buffer Gate
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G34DBVT.B Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74LVC1G34DBVT.B Datasheet HTML 8Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 9Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 10Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 11Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 12Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 13Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 14Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 15Page - Texas Instruments SN74LVC1G34DBVT.B Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The SN74LVC1G34 is a high drive CMOS device that can be used as a buffer to drive an LED. It can produce
24mA of drive current at 3.3V making it ideal for driving multiple outputs and good for high speed applications up
to 100MHz.
8.2 Typical Application
uC or Logic
Basic LED Driver
uC or Logic
Buffer Function
uC or Logic
VCC
VCC
LVC1G34
LVC1G34
SN74LVC1G34
SCES519O – DECEMBER 2003 – REVISED OCTOBER 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: SN74LVC1G34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com