Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPS30170C Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS30170C
Description  High voltage power Schottky rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30170C Datasheet(HTML) 4 Page - STMicroelectronics

  STPS30170C Datasheet HTML 1Page - STMicroelectronics STPS30170C Datasheet HTML 2Page - STMicroelectronics STPS30170C Datasheet HTML 3Page - STMicroelectronics STPS30170C Datasheet HTML 4Page - STMicroelectronics STPS30170C Datasheet HTML 5Page - STMicroelectronics STPS30170C Datasheet HTML 6Page - STMicroelectronics STPS30170C Datasheet HTML 7Page - STMicroelectronics STPS30170C Datasheet HTML 8Page - STMicroelectronics STPS30170C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Characteristics
STPS30170C
4/13
DocID11640 Rev 2
1.1
Characteristics (curves)
Figure 1: Average forward power dissipation
versus average forward current (per diode)
Figure 2: Average forward current versus ambient
temperature (δ = 0.5, per diode)
Figure 3: Normalized avalanche power derating
versus pulse duration (Tj = 125 °C)
Figure 4: Relative variation of thermal impedance
junction to case versus pulse duration (D²PAK and
TO-247)
Figure 5: Reverse leakage current versus reverse
voltage applied (typical values, per diode)
Figure 6: Junction capacitance versus reverse
voltage applied (typical values, per diode)
0
2
4
6
8
10
12
14
01
2
34567
8
9
10
11
12
13
14
15
16
17
18
P
F (AV ) (W )
=0.05
=0.1
=0.2
=0.5
=1
T
=t /T
p
tp
IF(AV) (A)
0
2
4
6
8
10
12
14
16
18
0
25
50
75
100
125
150
175
IF(AV)(A)
Rth(j-a)=15 °C/W
T
=t /T
p
tp
Tamb(°C)
P
(tp)
P
(10 µs)
ARM
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-0
Zth(j-c)/Rth(j-c)
=0.1
=0.2
=0.5
Single pulse
T
=t /T
p
tp
tP(s)
1.E+00
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
0
10
20 30
40 50
60 70
80 90 10 0 11 0 12 0 13 0 14 0 15 0 16 0 170
IR(µA)
Tj=150°C
Tj=125°C
Tj=25°C
Tj=75°C
Tj=175°C
VR(V)
10
100
1000
0
0
1
0
0
1
0
1
1
0
C(pF)
F=1MHz
V
OSC = 30m V
RMS
T
j= 25°C
V
R (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com