Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XPCWHT-L1-R250-00A01 Datasheet(PDF) 5 Page - Cree LED

Part # XPCWHT-L1-R250-00A01
Description  Cree® XLamp® XP-C LEDs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XPCWHT-L1-R250-00A01 Datasheet(HTML) 5 Page - Cree LED

  XPCWHT-L1-R250-00A01 Datasheet HTML 1Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 2Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 3Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 4Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 5Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 6Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 7Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 8Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Copyright © 2008-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
5
xlAMP xP-c lEDS
color
dominant Wavelength range
base order codes min.
luminous flux @ 350 ma
calculated min. luminous
flux (lm) @ 125 ma*
order code
min.
max.
Group
dWl
(nm)
Group
dWl
(nm)
Group
flux (lm)
Red
R2
620
R3
630
M2
39.8
15.2
XPCReD-L1-0000-00201
M3
45.7
17.5
XPCReD-L1-0000-00301
N2
51.7
19.7
XPCReD-L1-0000-00401
N3
56.8
21.7
XPCReD-L1-0000-00501
* Calculated values for reference only
Note: Cree maintains a tolerance of ± 7% on flux and power measurements and ± 1 nm on dominant wavelength
measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com