Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XPCWHT-L1-R250-00A01 Datasheet(PDF) 16 Page - Cree LED

Part # XPCWHT-L1-R250-00A01
Description  Cree® XLamp® XP-C LEDs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XPCWHT-L1-R250-00A01 Datasheet(HTML) 16 Page - Cree LED

Back Button XPCWHT-L1-R250-00A01 Datasheet HTML 9Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 10Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 11Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 12Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 13Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 14Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 15Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 16Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 17Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Copyright © 2008-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
16
xlAMP xP-c lEDS
taPe and reel
All Cree carrier tapes conform to EIA-481D, Automated Component Handling Systems Standard.
All dimensions in mm.
Loaded Pockets
(1,000 Lamps)
Leader
400mm (min) of
empty pockets with
at least 100mm
sealed by tape
(50 empty pockets min.)
Trailer
160mm (min) of
empty pockets
sealed with tape
(20 pockets min.)
START
END
Cathode Side
Anode Side
(denoted by + and circle)
160.0
A
A
B
2.5±.1
SECTION A-A
SCALE 2 : 1
1.5±.1
8.0±.1
4.0±.1
1.75±.10
12.0 .0
+.3
DETAIL B
SCALE 2 : 1
13mm
7"
Cover Tape
Pocket Tape
User Feed Direction
User Feed Direction
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUTTHE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
X°
±
.5 °
.XXX ±
.25
.XX ±
.75
.X
±
1.5
FOR SHEET METAL PARTS ONLY
.XX ±
.25
.XXX ±
.125
X°
±
.5 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH: 1.6
B
B
+.10/-00
1.50
2.10 +.10/-.00
3.75 +.10/-.00
4.39 +.10/-.00
8.7°
8.00 ±.10
4.00 ±.10
2.00 ±.10
+.10/-.00
1.50
+.10/-.00
1.50
.30 ± .10
3.75 +.10/-.00
4.39 +.10/.00
12.00 Nominal
12.30 Max
5.50 ±.10
1.75 ±.10
10.25 ±.10
REVISONS
REV
DESCRIPTION
BY
DATE
APP'D
A
Released
J.L.
6/30/09
C
Match supplier drawing
DDS 10/21/10 Y.Gan
D
Zone A6, 2.15 was 2.1, tolerance was ±
.10 .
Zone C2, Added pocket dimensions.
DDS
12/2/10 Y.Gan
E
Zone A6, 2.10 was 2.15
DDS
1/3/11
J.M.
F
Zone B5, Added tolerance
to 4.39 and 3.75.
DDS
8/26/11
J.M.
G
ADDED CATHODE AND ANODE NOTE
DC 2/27/12
1
/
1
4.000
G
2402-00003
Carrier Tape, XPE
6/30/09
D. Seibel
Notes:
1. 10 sprocket hole pitch cumulative tolerance ±
0.2mm
CATHODE SIDE
ANODE SIDE
B-B
SECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com