Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GS300T48-5 Datasheet(PDF) 2 Page - STMicroelectronics

Part # GS300T48-5
Description  300W DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS300T48-5 Datasheet(HTML) 2 Page - STMicroelectronics

  GS300T48-5 Datasheet HTML 1Page - STMicroelectronics GS300T48-5 Datasheet HTML 2Page - STMicroelectronics GS300T48-5 Datasheet HTML 3Page - STMicroelectronics GS300T48-5 Datasheet HTML 4Page - STMicroelectronics GS300T48-5 Datasheet HTML 5Page - STMicroelectronics GS300T48-5 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ELECTRICAL CHARACTERISTICS (Tamb =25
°C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vi
Input Voltage
Vo = 5.075V
Io = 0 to 30A
(Operating Conditions)
38
48
60
VDC
Viuv
Input Undervoltage Lockout
Io = 0 to 60A
29
36
V
li
Average Input Current
Vi = 48V
Io = 60A
7.8
A
lipk
Inrush Transient Peak Current
Vi = 60V
Io = 60A
0.3
A
2s
lir
Reflected Input Current
Vi = 48V
Io = 60A
BW = 5Hz to 20MHz (see fig. 2)
30
mApp
Vien
Enable Input Voltage
Vi = 38 to 60V Io = 0 to 60A
0
1.2
V
lien
Enable Input Current
Vi = 38 to 60V Io = 0 to 60A
Vien =0V
–1
mA
Viinh
Max Inhibit Voltage
Vi = 38 to 60V Io = 0 to 60A
Vien = open
818
V
Pi
Input Power
Vi = 38 to 60V Io = 0A (No Load)
1.5
2
W
Vo
Total Output Voltage Regulation
Vi = 38 to 60V Io = 0 to 60A
4.490
5.075
5.210
V
Vost
Short-term Output
Voltage Regulation
Vi = 38 to 60V Io = 0 to 60A
5.002
5.075
5.148
V
Vots
Total Static Output
Voltage Regulation
Vi = 38 to 60V Io = 0 to 60A
4.970
5.075
5.180
V
Vol
Output Overvoltage Limit Initiation
Vi = 38 to 60V Io = 0 to 60A
6.3
V
Vor
Output Ripple Voltage
Vi = 38 to 60V Io = 60A
BW = 0 to 20 Mhz
50
mVpp
Von
Output Noise Voltage
Vi = 38 to 60V Io = 60A
BW = 0 to 20 Mhz
100
mVpp
∆Vo
Total Remote Sense
Compensation
Vi = 38 to 60V
0.6
V
δVo
Peak Load Transient Response
Vi = 48V δIo = 10A
slope = 0.1A/
µs
100
mVp
Io
Output Current
Vi = 38 to 60V Vo =5V
060
A
Iol
Overcurrent Limit Initiation
Vi = 48V
63
A
Iosc
Shortcircuit Output Current
Vi = 48V
69
A
ts
Load Transient Setting Time
Vi = 48V δIo = 10A
slope = 0.1A/
µs
250
µs
ton
Turn-on Time
Vi = 38 to 60V Io = 0 to 60A
Vien = from high to low
10
ms
Vi = 0 to 60V
Io = 0 to 60A
Vien = low
10
Vis
Isolation Voltage
500
V
fs
Switching Frequency
Vi = 38 to 60V Io = 0 to 60A
160
180
200
kHz
η
Efficiency
Vi = 38 to 60V Io = 60A
80
81
%
Rth
Thermal Resistance
Case to Ambient
5.2
°C/W
Tcop
Operating Case
Temperature Range*
0
+70
°C
Tstg
Storage Temperature Range
– 40
+105
°C
* Thermal intervention @ Tcop =85
°C
2/6
GS300T48-5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com