Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GS300T48-5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # GS300T48-5
Description  300W DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS300T48-5 Datasheet(HTML) 3 Page - STMicroelectronics

  GS300T48-5 Datasheet HTML 1Page - STMicroelectronics GS300T48-5 Datasheet HTML 2Page - STMicroelectronics GS300T48-5 Datasheet HTML 3Page - STMicroelectronics GS300T48-5 Datasheet HTML 4Page - STMicroelectronics GS300T48-5 Datasheet HTML 5Page - STMicroelectronics GS300T48-5 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
Package U. Dimensions in mm (inches)
CONNECTION DIAGRAM AND MECHANICAL DATA
Figure 1.
PIN DESCRIPTION
Pin
Function
Description
1,2
- Vin
Negative input voltage.
3,4
+ Vin
Positive input voltage. Unregulated input voltage (typically 48V) must be applied between
pin 1,2-3,4.
5
SYNC
Synchronization pin. See figures 3, 4, 5, 6. Open when not used.
6
PARALLEL
Parallel output. See figures 3, 4, 5, 6. Open when not used.
7
ON/OFF
The converter is ON (Enable) when the voltage applied to this pin with reference to pin 1,2
is lower than 1,2 V (see Vien). The converter is OFF (Inhibit) for a control voltage in the
range of 8 to 18V.
When the pin is unconnected the converter is OFF (Inhibit).
8
CASE
Case connection pin
9
+ SENSE
Senses the remote load high side. To be connected to pin 15,16,17 when remote sense is
not used.
10
- SENSE
Senses the remote load return. To be connected to pin 11,12,13,14 when remote sense is
not used. In parallel configuration, take care to connect all -SENSE pins together (see
figures 3,4,5,6).
11,12,
13,14
- OUT
-5V voltage return.
15,16,
17
+ OUT
+5V output voltage.
GS300T48-5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com