Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GS70T300-35 Datasheet(PDF) 9 Page - STMicroelectronics

Part # GS70T300-35
Description  70W/100W DC-DC CONVERTERS FAMILY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS70T300-35 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button GS70T300-35 Datasheet HTML 2Page - STMicroelectronics GS70T300-35 Datasheet HTML 3Page - STMicroelectronics GS70T300-35 Datasheet HTML 4Page - STMicroelectronics GS70T300-35 Datasheet HTML 5Page - STMicroelectronics GS70T300-35 Datasheet HTML 6Page - STMicroelectronics GS70T300-35 Datasheet HTML 7Page - STMicroelectronics GS70T300-35 Datasheet HTML 8Page - STMicroelectronics GS70T300-35 Datasheet HTML 9Page - STMicroelectronics GS70T300-35 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9/10
ADJUSTMENT OF THE OUTPUT VOLTAGE
The output voltage can be fixed following the indi-
cations given in fig. 2. The external reference volt-
age Vadj can be calculated using the following
formula:
Vadj =5 •
Vo
Vnom
The Vout and Vadj ranges are given in the following
table:
Table 1: Output voltage generation with external voltage generator
Type
Nominal Output
Voltage (V)
Output Voltage
Range (Vout)
External Voltage
Generator allowed
Range (Vadj)
GS70T300-3.5
3.5
1.75 to 3.50
2.5 to 5.0
GS100T300-5
5.2
2.60 to 5.20
2.5 to 5.0
GS100T300-12
12.0
6.00 to 13.20
2.5 to 5.5
GS100T300-15
15.0
7.50 to 16.50
2.5 to 5.5
GS100T300-24
24.0
12.00 to 26.40
2.5 to 5.5
GS100T300-48
48.0
24.00 to 52.80
2.5 to 5.5
Figure 2. Output voltage adjustment
GS70/100T300 Family



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com