Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GS70T300-35 Datasheet(PDF) 4 Page - STMicroelectronics

Part # GS70T300-35
Description  70W/100W DC-DC CONVERTERS FAMILY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS70T300-35 Datasheet(HTML) 4 Page - STMicroelectronics

  GS70T300-35 Datasheet HTML 1Page - STMicroelectronics GS70T300-35 Datasheet HTML 2Page - STMicroelectronics GS70T300-35 Datasheet HTML 3Page - STMicroelectronics GS70T300-35 Datasheet HTML 4Page - STMicroelectronics GS70T300-35 Datasheet HTML 5Page - STMicroelectronics GS70T300-35 Datasheet HTML 6Page - STMicroelectronics GS70T300-35 Datasheet HTML 7Page - STMicroelectronics GS70T300-35 Datasheet HTML 8Page - STMicroelectronics GS70T300-35 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vi
Input Voltage
Vo = 12V
Io = 0 to 8.3A
(Operating Conditions)
200
300
400
VDC
Qi
Inrush Charge
Vi = 400V
Io = 8.3A
40
•10-6
C
Pi
Input Power
Vi = 300V
Io = 0A (No Load)
2.5
W
Vo
Output Voltage
Vi = 200 to 400V
Io = 0 to 8.3A
11.76
12.00
12.24
V
Vo
Output Voltage Range
Vi = 200 to 400V
Io = 0 to 8.3A (see fig. 2)
6.0
13.2
V
Vorn
Output Ripple and
Noise Voltage
Vi = 300V
Io = 8.3A
BW = 0 to 20Mhz
100
120
mVpp
Vol
Output Overvoltage
Limit Initiation
Vi = 200 to 400V
Io = 0 to 8.3A
1.2
•Vo
V
δVOL
Line Regulation
Vi = 200 to 400V
Io = 8.3A
±0.1
%
δVOO
Load Regulation
Vi = 300V
Io = 0 to 8.3A
±0.1
%
∆Vo
Total Remote Sense Compensation
Vi = 200 to 400V
0.6
V
δVo
Peak Load Transient Response
Vi = 300V
δIo =4A
500
mVp
SVR
Supply Voltage Rejection
f = 100Hz
45
dB
Io
Output Current
Vi = 200 to 400V
Vo = 12V
0
8.3
A
IoI
Overcurrent Limit Initiation
Vi = 300V
8.8
9.1
11.0
A
Iosc
Shortcircuit Output Current
Vi = 300V
7.5
9.0
11.0
A
ts
Load Transient Settling Time
Vi = 300V
δIo =4A
300
µs
ton
Turn-on Time
Vi = 200V
Io = 8.3A
610
ms
Vis
Isolation Voltage
Input to Output
3750
VRMS
Input to Baseplate
2500
Output to Baseplate
500
fs
Switching Frequency
Vi = 200 to 400V
Io = 0 to 8.3A
150
kHz
η
Efficiency
Vi = 300V
Io = 8.3A
83
84
%
Rth
Thermal Resistance
Baseplate to Ambient
7.5
°C/W
Tcop
Operating Case
Temperature Range
0
+70
°C
Tstg
Storage Temperature Range
– 40
+100
°C
GS100T300-12ELECTRICAL CHARACTERISTICS (Tamb =25
°C unless otherwise specified)
4/10
GS70/100T300 Family



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com