| Electronic Components Datasheet Search |
|
TMS320VC33 Datasheet(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320VC33 Datasheet(HTML) 16 Page - Texas Instruments |
|
16 / 59 page ![]() TMS320VC33 DIGITAL SIGNAL PROCESSOR SPRS087E -- FEBRUARY 1999 -- REVISED JANUARY 2004 16 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251--1443 PAGE0 -- PAGE3 select lines To facilitate simpler and higher speed connection to external devices, the TMS320VC33 includes four predecoded select pins that have the same timings as STRB. These pins are decoded from A22, A23, and STRB and are active only during external accesses over the ranges shown in Table 3. All external bus accesses are controlled by a single bus control register. Table 3. PAGE0 -- PAGE3 Ranges START END PAGE0 0x000000 0x3FFFFF PAGE1 0x400000 0x7FFFFF PAGE2 0x800000 0xBFFFFF PAGE3 0xC00000 0xFFFFFF using external logic with the READY pin The key to designing external wait-state logic is the internal bus control register and associated internal logic that logically combines the external READY pin with the much faster on-chip bus control logic. This essentially allows slow external logic to interact with the bus while easily meeting the READY input timings. It is also relevant to mention that the combined ready signals are sampled on the rising edge of the internal H1 clock. Please refer to Figure 8 for the following examples. example 1 A simple 0 or WTCNT wait-state decoder can be created by simply tying an address line back to the READY pin and selecting the AND option. When the tied back address is low, the bus runs with 0 wait states. When the tied back address is high, the bus will be controlled by the internal wait-state counter. By enabling the bank compare logic, proper operation is further ensured by inserting a null cycle before a read on the next bank is performed (writes are not pre-extended). This extra time can also be used by external logic to affect the feedback path. example 2 An N--WTCNT minimum wait-state decoder can also be created by tying back an address line to READY and logically ORing it with the internal bank compare and wait count signals. When the address pin is low, bus timing is determined by the internal WTCNT and BNKCMP settings. When the address line is high, the bus can run no faster than the WTCNT counter and is extended as long as READY is held high. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |