Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC33 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS320VC33
Description  DIGITAL SIGNAL PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320VC33 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 5Page - Texas Instruments TMS320VC33 Datasheet HTML 6Page - Texas Instruments TMS320VC33 Datasheet HTML 7Page - Texas Instruments TMS320VC33 Datasheet HTML 8Page - Texas Instruments TMS320VC33 Datasheet HTML 9Page - Texas Instruments TMS320VC33 Datasheet HTML 10Page - Texas Instruments TMS320VC33 Datasheet HTML 11Page - Texas Instruments TMS320VC33 Datasheet HTML 12Page - Texas Instruments TMS320VC33 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
TMS320VC33
DIGITAL SIGNAL PROCESSOR
SPRS087E -- FEBRUARY 1999 -- REVISED JANUARY 2004
9
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251--1443
memory map
Peripheral Bus
Memory-Mapped Registers
(6K Words Internal)
Reset, Interrupt, Trap Vector, and
Reserved Locations (64)
(External STRB Active)
0h
03Fh
040h
External
STRB Active
(8M Words -- 64 Words)
7FFFFFh
800000h
807FFFh
808000h
8097FFh
RAM Block 0
(1K Words Internal)
809800h
809BFFh
809C00h
809FFFh
80A000h
External
STRB Active
(8M Words -- 40K Words)
FFFFFFh
0h
FFFh
1000h
7FFFFFh
800000h
807FFFh
Peripheral Bus
Memory-Mapped Registers
(6K Words Internal)
808000h
8097FFh
RAM Block 0
(1K Words Internal)
809800h
809BFFh
809C00h
809FFFh
80A000h
External
STRB Active
(8M Words --
40K Words)
FFFFFFh
400000h
RAM Block 1
(1K Words Internal)
809FC1h
User-Program Interrupt
and Trap Branch Table
FFF000h
External
STRB
Active
(8M Words --
4K Words)
Reserved for Bootloader
Operations
(a) Microprocessor Mode
(b) Microcomputer/Bootloader Mode
RAM Block 1
(1K Words Internal)
RAM Block 3
(16K Words Internal)
RAM Block 2
(16K Words Internal)
RAM Block 3
(16K Words Internal)
RAM Block 2
(16K Words Internal)
803FFFh
804000h
803FFFh
804000h
63 Words
Boot 1
Boot 2
Boot 3
809FC0h
NOTE A: STRB is active over all external memory ranges. PAGE0 to PAGE3 are configured as external bus strobes. These are simple
decoded strobes that have no configuration registers and are active only during external bus activity over the following ranges:
Name
Active range
PAGE0
0000000h – 03FFFFFh
PAGE1
0400000h – 07FFFFFh
PAGE2
0800000h – 0BFFFFFh
PAGE3
0C00000h – 0FFFFFFh
STRB
0000000h – 0FFFFFFh
Figure 1. TMS320VC33 Memory Maps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com