Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMUX1209 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMUX1209
Description  TMUX1208 5-V Bidirectional 8:1, 1-Channel Multiplexer TMUX1209 5-V Bidirectional 4:1, 2-Channel Multiplexer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1209 Datasheet(HTML) 2 Page - Texas Instruments

  TMUX1209 Datasheet HTML 1Page - Texas Instruments TMUX1209 Datasheet HTML 2Page - Texas Instruments TMUX1209 Datasheet HTML 3Page - Texas Instruments TMUX1209 Datasheet HTML 4Page - Texas Instruments TMUX1209 Datasheet HTML 5Page - Texas Instruments TMUX1209 Datasheet HTML 6Page - Texas Instruments TMUX1209 Datasheet HTML 7Page - Texas Instruments TMUX1209 Datasheet HTML 8Page - Texas Instruments TMUX1209 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
2
TMUX1208, TMUX1209
SCDS389C – AUGUST 2018 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: TMUX1208 TMUX1209
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 5
7.1
Absolute Maximum Ratings ...................................... 5
7.2
ESD Ratings.............................................................. 5
7.3
Recommended Operating Conditions ....................... 5
7.4
Thermal Information .................................................. 5
7.5
Electrical Characteristics (VDD = 5 V ±10 %) ............ 6
7.6
Electrical Characteristics (VDD = 3.3 V ±10 %) ......... 8
7.7
Electrical Characteristics (VDD = 1.8 V ±10 %) ....... 10
7.8
Electrical Characteristics (VDD = 1.2 V ±10 %) ....... 12
7.9
Typical Characteristics ............................................ 14
8
Detailed Description ............................................ 15
8.1
Overview ................................................................. 15
8.2
Functional Block Diagram ....................................... 20
8.3
Feature Description................................................. 20
9
Application and Implementation ........................ 22
9.1
Application Information............................................ 22
9.2
Typical Application ................................................. 22
9.3
Design Requirements.............................................. 22
9.4
Detailed Design Procedure ..................................... 23
9.5
Application Curve .................................................... 23
10
Power Supply Recommendations ..................... 23
11
Layout................................................................... 24
11.1
Layout Guidelines ................................................. 24
11.2
Layout Example .................................................... 24
12
Device and Documentation Support ................. 25
12.1
Documentation Support ........................................ 25
12.2
Related Links ........................................................ 25
12.3
Receiving Notification of Documentation Updates 25
12.4
Community Resources.......................................... 25
12.5
Trademarks ........................................................... 25
12.6
Electrostatic Discharge Caution ............................ 25
12.7
Glossary ................................................................ 25
13
Mechanical, Packaging, and Orderable
Information ........................................................... 25
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (November 2018) to Revision C
Page
•
Added device TMUX1209 to the data sheet ......................................................................................................................... 1
Changes from Revision A (September 2018) to Revision B
Page
•
Added RSV (QFN) thermal information to Thermal Information: table................................................................................... 5
•
Added footnote to clarify test conditions ................................................................................................................................ 8
Changes from Original (August 2018) to Revision A
Page
•
Changed the document status From: Advanced Information To: Production data ................................................................ 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com