Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMUX1209 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMUX1209
Description  TMUX1208 5-V Bidirectional 8:1, 1-Channel Multiplexer TMUX1209 5-V Bidirectional 4:1, 2-Channel Multiplexer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1209 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMUX1209 Datasheet HTML 9Page - Texas Instruments TMUX1209 Datasheet HTML 10Page - Texas Instruments TMUX1209 Datasheet HTML 11Page - Texas Instruments TMUX1209 Datasheet HTML 12Page - Texas Instruments TMUX1209 Datasheet HTML 13Page - Texas Instruments TMUX1209 Datasheet HTML 14Page - Texas Instruments TMUX1209 Datasheet HTML 15Page - Texas Instruments TMUX1209 Datasheet HTML 16Page - Texas Instruments TMUX1209 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
13
TMUX1208, TMUX1209
www.ti.com
SCDS389C – AUGUST 2018 – REVISED DECEMBER 2018
Product Folder Links: TMUX1208 TMUX1209
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics (VDD = 1.2 V ±10 %) (continued)
at TA = 25°C, VDD = 1.2 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
DYNAMIC CHARACTERISTICS
tTRAN
Transition time between channels
VS = 1 V
RL = 200 Ω, CL = 15 pF
Refer to Transition Time
25°C
60
ns
–40°C to +85°C
210
ns
–40°C to +125°C
210
ns
tOPEN
(BBM)
Break before make time
VS = 1 V
RL = 200 Ω, CL = 15 pF
Refer to Break-Before-Make
25°C
28
ns
–40°C to +85°C
1
ns
–40°C to +125°C
1
ns
tON(EN)
Enable turn-on time
VS = 1 V
RL = 200 Ω, CL = 15 pF
Refer to tON(EN) and tOFF(EN)
25°C
60
ns
–40°C to +85°C
190
ns
–40°C to +125°C
190
ns
tOFF(EN) Enable turn-off time
VS = 1 V
RL = 200 Ω, CL = 15 pF
Refer to tON(EN) and tOFF(EN)
25°C
45
ns
–40°C to +85°C
150
ns
–40°C to +125°C
150
ns
QC
Charge Injection
VS = VDD/2
RS = 0 Ω, CL = 1 nF
Refer to Charge Injection
25°C
±2
pC
OISO
Off Isolation
RL = 50 Ω, CL = 5 pF
f = 1 MHz
Refer to Off Isolation
25°C
-62
dB
RL = 50 Ω, CL = 5 pF
f = 10 MHz
Refer to Off Isolation
25°C
-42
dB
XTALK
Crosstalk
RL = 50 Ω, CL = 5 pF
f = 1 MHz
Refer to Crosstalk
25°C
-62
dB
RL = 50 Ω, CL = 5 pF
f = 10 MHz
Refer to Crosstalk
25°C
-42
dB
BW
Bandwidth - TMUX1208
RL = 50 Ω, CL = 5 pF
Refer to Bandwidth
25°C
65
MHz
Bandwidth - TMUX1209
RL = 50 Ω, CL = 5 pF
Refer to Bandwidth
25°C
125
MHz
CSOFF
Source off capacitance
f = 1 MHz
25°C
13
pF
CDOFF
Drain off capacitance - TMUX1208
f = 1 MHz
25°C
76
pF
Drain off capacitance - TMUX1209
f = 1 MHz
25°C
38
pF
CSON
CDON
On capacitance - TMUX1208
f = 1 MHz
25°C
85
pF
On capacitance - TMUX1209
f = 1 MHz
25°C
42
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com