Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMUX1237DCKRG4 Datasheet(PDF) 17 Page - Texas Instruments

Part # TMUX1237DCKRG4
Description  TMUX1237 3-Ω Low RON, 5-V, 2:1 (SPDT) General Purpose Switch With No Overshoot When Switching Inputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1237DCKRG4 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMUX1237DCKRG4 Datasheet HTML 13Page - Texas Instruments TMUX1237DCKRG4 Datasheet HTML 14Page - Texas Instruments TMUX1237DCKRG4 Datasheet HTML 15Page - Texas Instruments TMUX1237DCKRG4 Datasheet HTML 16Page - Texas Instruments TMUX1237DCKRG4 Datasheet HTML 17Page - Texas Instruments TMUX1237DCKRG4 Datasheet HTML 18Page - Texas Instruments TMUX1237DCKRG4 Datasheet HTML 19Page - Texas Instruments TMUX1237DCKRG4 Datasheet HTML 20Page - Texas Instruments TMUX1237DCKRG4 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
GND
NETWORK
ANALYZER
VOUT
S
D
50Q
VSIG
RL
50Q
VS
VDD
0.1µF
SX
RL
50Q
17
TMUX1237
www.ti.com
SCDS424A – DECEMBER 2019 – REVISED MARCH 2020
Product Folder Links: TMUX1237
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
7.9 Bandwidth
Bandwidth is defined as the range of frequencies that are attenuated by less than 3 dB when the input is applied
to the source pin (Sx) of an on-channel, and the output is measured at the drain pin (D) of the device. Figure 15
shows the setup used to measure bandwidth.
Figure 15. Bandwidth Measurement Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com