Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMUX1237DCKRG4 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMUX1237DCKRG4
Description  TMUX1237 3-Ω Low RON, 5-V, 2:1 (SPDT) General Purpose Switch With No Overshoot When Switching Inputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1237DCKRG4 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMUX1237DCKRG4 Datasheet HTML 8Page - Texas Instruments TMUX1237DCKRG4 Datasheet HTML 9Page - Texas Instruments TMUX1237DCKRG4 Datasheet HTML 10Page - Texas Instruments TMUX1237DCKRG4 Datasheet HTML 11Page - Texas Instruments TMUX1237DCKRG4 Datasheet HTML 12Page - Texas Instruments TMUX1237DCKRG4 Datasheet HTML 13Page - Texas Instruments TMUX1237DCKRG4 Datasheet HTML 14Page - Texas Instruments TMUX1237DCKRG4 Datasheet HTML 15Page - Texas Instruments TMUX1237DCKRG4 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Frequency (Hz)
-8
-7
-6
-5
-4
-3
-2
-1
0
1M
10M
100M
D006
Frequency (Hz)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
100k
1M
10M
100M
D005
Logic Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
100
200
300
400
500
VDD = 5 V
VDD = 3.3 V
D003
VDD - Supply Voltage (V)
0.5
1.5
2.5
3.5
4.5
5.5
0
5
10
15
20
25
30
Rising
Falling
D004
Source or Drain Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
20
40
60
80
VDD = 1.08V
VDD = 1.62 V
VDD = 3 V
VDD = 4.5 V
D001
Source or Drain Voltage (V)
0
0.5
1
1.5
2
2.5
3
0
2
4
6
8
10
TA = 25qC
TA = 125qC
TA = 85qC
TA = -40qC
D002
12
TMUX1237
SCDS424A – DECEMBER 2019 – REVISED MARCH 2020
www.ti.com
Product Folder Links: TMUX1237
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
6.9 Typical Characteristics
At TA = 25°C, VDD = 5 V (unless otherwise noted).
TA = 25°C
Figure 1. On-Resistance vs Source or Drain Voltage
VDD = 3 V
Figure 2. On-Resistance vs Source or Drain Voltage
TA = 25°C
Figure 3. Supply Current vs Logic Voltage
TA = 25°C
Figure 4. Ttransition vs Supply Voltage
TA = 25°C
Figure 5. Crosstalk and Off-Isolation vs Frequency
TA = 25°C
Figure 6. Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com