Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811PBKA.A Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS320F2811PBKA.A
Description  TMS320F281x Digital Signal Processors
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320F2811PBKA.A Datasheet(HTML) 2 Page - Texas Instruments

  TMS320F2811PBKA.A Datasheet HTML 1Page - Texas Instruments TMS320F2811PBKA.A Datasheet HTML 2Page - Texas Instruments TMS320F2811PBKA.A Datasheet HTML 3Page - Texas Instruments TMS320F2811PBKA.A Datasheet HTML 4Page - Texas Instruments TMS320F2811PBKA.A Datasheet HTML 5Page - Texas Instruments TMS320F2811PBKA.A Datasheet HTML 6Page - Texas Instruments TMS320F2811PBKA.A Datasheet HTML 7Page - Texas Instruments TMS320F2811PBKA.A Datasheet HTML 8Page - Texas Instruments TMS320F2811PBKA.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 174 page
background image
2 Applications
• Advanced Driver Assistance Systems (ADAS)
• Building automation
• Electronic point of sale
• Electric Vehicle/Hybrid Electric Vehicle (EV/HEV)
powertrain
• Factory automation
• Grid infrastructure
• Industrial transport
• Medical, healthcare, and fitness
• Motor drives
• Power delivery
• Telecom infrastructure
• Test and measurement
3 Description
The TMS320F2810, TMS320F2811, and TMS320F2812-Q1 devices, members of the TMS320C28x DSP
generation, are highly integrated, high-performance solutions for demanding control applications.
Throughout this document, TMS320F2810, TMS320F2811, and TMS320F2812-Q1 are abbreviated as F2810,
F2811, and F2812-Q1, respectively. F281x denotes all three devices.
Device Information
PART NUMBER(1)
PACKAGE
BODY SIZE
TMS320F2812ZHH
MicroStar BGA (179)
12.0 mm × 12.0 mm
TMS320F2812GHH
MicroStar BGA (179)
12.0 mm × 12.0 mm
TMS320F2812PGF
LQFP (176)
24.0 mm × 24.0 mm
TMS320F2811PBK
LQFP (128)
14.0 mm × 14.0 mm
TMS320F2810PBK
LQFP (128)
14.0 mm × 14.0 mm
(1)
For more information on these devices, see Mechanical, Packaging, and Orderable Information.
TMS320F2810, TMS320F2810-Q1, TMS320F2811, TMS320F2811-Q1
TMS320F2812, TMS320F2812-Q1
SPRS174V – APRIL 2001 – REVISED FEBRUARY 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F2810 TMS320F2810-Q1 TMS320F2811 TMS320F2811-Q1 TMS320F2812
TMS320F2812-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com