Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811PBKA.A Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS320F2811PBKA.A
Description  TMS320F281x Digital Signal Processors
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320F2811PBKA.A Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320F2811PBKA.A Datasheet HTML 17Page - Texas Instruments TMS320F2811PBKA.A Datasheet HTML 18Page - Texas Instruments TMS320F2811PBKA.A Datasheet HTML 19Page - Texas Instruments TMS320F2811PBKA.A Datasheet HTML 20Page - Texas Instruments TMS320F2811PBKA.A Datasheet HTML 21Page - Texas Instruments TMS320F2811PBKA.A Datasheet HTML 22Page - Texas Instruments TMS320F2811PBKA.A Datasheet HTML 23Page - Texas Instruments TMS320F2811PBKA.A Datasheet HTML 24Page - Texas Instruments TMS320F2811PBKA.A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 174 page
background image
8.4 Recommended Operating Conditions
MIN(1)
NOM
MAX
UNIT
Device supply voltage, I/O, VDDIO
3.14
3.3
3.47
V
Device supply voltage, CPU, VDD, VDD1
1.8 V (135 MHz)
1.71
1.8
1.89
V
1.9 V (150 MHz)
1.81
1.9
2
Supply ground, VSS
0
V
ADC supply voltage, VDDA1, VDDA2, AVDDREFBG,
VDDAIO
3.14
3.3
3.47
V
Flash programming supply voltage, VDD3VFL
3.14
3.3
3.47
V
Device clock frequency (system clock), fSYSCLKOUT
VDD = 1.9 V ± 5%
2
150
MHz
VDD = 1.8 V ± 5%
2
135
High-level input voltage, VIH
All inputs except X1/XCLKIN
2
VDDIO
V
X1/XCLKIN (@ 50 µA max)
0.7VDD
VDD
Low-level input voltage, VIL
All inputs except X1/XCLKIN
0.8
V
X1/XCLKIN (@ 50 µA max)
0.3VDD
High-level output source current, VOH = 2.4 V, IOH
All I/Os except Group 2
–4
mA
Group 2(2)
–8
Low-level output sink current,
VOL = VOL MAX, IOL
All I/Os except Group 2
4
mA
Group 2(2)
8
Ambient temperature, TA
A version
–40
85
°C
S version
–40
125
Q version
–40
125
(1)
See Section 8.12.2 for power sequencing of VDDIO, VDDAIO, VDD, VDDA1/VDDA2/AVDDREFBG, and VDD3VFL.
(2)
Group 2 pins are as follows: XINTF pins, T1CTRIP_PDPINTA, TDO, XCLKOUT, XF, EMU0, and EMU1.
www.ti.com
TMS320F2810, TMS320F2810-Q1, TMS320F2811, TMS320F2811-Q1
TMS320F2812, TMS320F2812-Q1
SPRS174V – APRIL 2001 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMS320F2810 TMS320F2810-Q1 TMS320F2811 TMS320F2811-Q1 TMS320F2812
TMS320F2812-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com