Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPD1E6B06DPLR Datasheet(PDF) 4 Page - Texas Instruments

Part # TPD1E6B06DPLR
Description  TPD1E6B06 Single-Channel ESD Protection Diode in 0201 Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD1E6B06DPLR Datasheet(HTML) 4 Page - Texas Instruments

  TPD1E6B06DPLR Datasheet HTML 1Page - Texas Instruments TPD1E6B06DPLR Datasheet HTML 2Page - Texas Instruments TPD1E6B06DPLR Datasheet HTML 3Page - Texas Instruments TPD1E6B06DPLR Datasheet HTML 4Page - Texas Instruments TPD1E6B06DPLR Datasheet HTML 5Page - Texas Instruments TPD1E6B06DPLR Datasheet HTML 6Page - Texas Instruments TPD1E6B06DPLR Datasheet HTML 7Page - Texas Instruments TPD1E6B06DPLR Datasheet HTML 8Page - Texas Instruments TPD1E6B06DPLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TPD1E6B06
SLLSEB2E – FEBRUARY 2012 – REVISED OCTOBER 2015
www.ti.com
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Operating free-air temperature, TA
–40
125
°C
Operating Voltage
Pin 1 to 2 or Pin 2 to 1
–5
5
V
6.4 Thermal Information
TPD1E6B06
THERMAL METRIC(1)
DPL (X2SON)
UNIT
2 PINS
RθJA
Junction-to-ambient thermal resistance
567.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
253.2
°C/W
RθJB
Junction-to-board thermal resistance
31.6
°C/W
ψJT
Junction-to-top characterization parameter
379.1
°C/W
ψJB
Junction-to-board characterization parameter
31.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VRWM
Reverse stand-off voltage
ILEAK = 100 nA
±5
V
ILEAK
Leakage current
Pin 1 = 5 V, Pin 2 = 0 V
100
nA
IPP = 1 A, tp = 8/20 μs
10
Clamp voltage with ESD strike on pin 1, pin 2
VClamp1,2
V
grounded.
IPP = 5 A, tp = 8/20 μs
14
IPP = 1 A, tp = 8/20 μs
10
Clamp voltage with ESD strike on pin 2, pin 1
VClamp2,1
V
grounded.
IPP = 5 A, tp = 8/20 μs
14
Pin 1 to Pin 2(1)
0.55
RDYN
Dynamic resistance
Ω
Pin 2 to Pin 1(1)
0.55
CIO
I/O capacitance
VIO = 2.5 V; ƒ = 1 MHz
6
pF
VBR1,2
Breakdown voltage, pin 1 to pin 2
IIO = 1 mA
6
V
VBR2,1
Breakdown voltage, pin 2 to pin 1
IIO = 1 mA
6
V
(1)
Extraction of RDYN using least squares fit of TLP characteristics between IPP = 10 A and IPP = 20 A.
4
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TPD1E6B06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com