Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPD1E6B06DPLR Datasheet(PDF) 8 Page - Texas Instruments

Part # TPD1E6B06DPLR
Description  TPD1E6B06 Single-Channel ESD Protection Diode in 0201 Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPD1E6B06DPLR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPD1E6B06DPLR Datasheet HTML 4Page - Texas Instruments TPD1E6B06DPLR Datasheet HTML 5Page - Texas Instruments TPD1E6B06DPLR Datasheet HTML 6Page - Texas Instruments TPD1E6B06DPLR Datasheet HTML 7Page - Texas Instruments TPD1E6B06DPLR Datasheet HTML 8Page - Texas Instruments TPD1E6B06DPLR Datasheet HTML 9Page - Texas Instruments TPD1E6B06DPLR Datasheet HTML 10Page - Texas Instruments TPD1E6B06DPLR Datasheet HTML 11Page - Texas Instruments TPD1E6B06DPLR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
GND
Speaker
Connector
(Source of ESD)
1
1
2
2
L Audio IN
Audio Amplifier
Class AB
(ESD Sensitive)
R Audio IN
L
R
Audio Amplifier
Class AB
(ESD Sensitive)
GND
GND
L Audio
R Audio
TPD1E6B06
SLLSEB2E – FEBRUARY 2012 – REVISED OCTOBER 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
When a system contains a human interface connector, it becomes vulnerable to large system-level ESD strikes
that standard ICs cannot survive. TVS ESD protection diodes are typically used to suppress ESD at these
connectors. TPD1E6B06 is a single-channel ESD protection device containing back-to-back TVS diodes, which
is typically used to provide a path to ground for dissipating ESD events on bidirectional signal lines between a
human interface connector and a system. As the current from an ESD event passes through the TVS diode, only
a small voltage drop is present across the diode structure. This is the voltage presented to the protected IC. The
low RDYN of the triggered TVS holds this voltage, VCLAMP, to a tolerable level to the protected IC.
8.2 Typical Application
Figure 10. Audio Application Schematic
8.2.1 Design Requirements
For this design example, two TPD1E6B06s will be used to protect left and right audio channels. For this audio
application, the following system parameters are known.
Table 1. Design Parameters
DESIGN PARAMETER
VALUE
Audio amplifier class
AB
Audio signal voltage range
–3 V to 3 V
Audio frequency content
20 Hz to 20 kHz
Required IEC 61000-4-2 ESD protection
±8 kV Contact and ±15kV Air-Gap
8.2.2 Detailed Design Procedure
To begin the design process, some parameters must be decided upon; the designer should make sure:
•
Voltage range on the protected line must not exceed the reverse standoff voltage of the TVS diode(s) (VRWM).
•
Operating frequency is supported by the I/O capacitance CIO of the TVS diode.
8
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TPD1E6B06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com