Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

4027 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 4027
Description  DUAL-J-K MASTER-SLAVE FLIP-FLOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

4027 Datasheet(HTML) 2 Page - STMicroelectronics

  4027 Datasheet HTML 1Page - STMicroelectronics 4027 Datasheet HTML 2Page - STMicroelectronics 4027 Datasheet HTML 3Page - STMicroelectronics 4027 Datasheet HTML 4Page - STMicroelectronics 4027 Datasheet HTML 5Page - STMicroelectronics 4027 Datasheet HTML 6Page - STMicroelectronics 4027 Datasheet HTML 7Page - STMicroelectronics 4027 Datasheet HTML 8Page - STMicroelectronics 4027 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FUNCTIONAL DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
V DD*
Supply Voltage : HCC Types
HC F Types
– 0.5 to + 20
– 0.5 to + 18
V
V
Vi
Input Voltage
– 0.5 to VDD + 0.5
V
I I
DC Input Current (any one input)
± 10
mA
Pto t
Total Power Dissipation (per package)
Dissipation per Output Transistor
for Top = Full Package-temperature Range
200
100
mW
mW
T op
Operating Temperature : HCC Types
HCF Types
– 55 to + 125
–40 to + 85
°C
°C
T stg
Storage Temperature
– 65 to + 150
°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VDD
Supply Voltage : HCC Types
HC F Types
3to 18
3to 15
V
V
VI
Input Voltage
0 to VDD
V
T op
Operating Temperature : HCC Types
HCF Types
– 55 to + 125
–40 to + 85
°C
°C
Stresses above those listed under ”Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating conditions for external periods may affect device reliability.
* All voltage values are referred to VSS pin voltage .
HCC/HCF4027B
2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com