Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

4027 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 4027
Description  DUAL-J-K MASTER-SLAVE FLIP-FLOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

4027 Datasheet(HTML) 5 Page - STMicroelectronics

  4027 Datasheet HTML 1Page - STMicroelectronics 4027 Datasheet HTML 2Page - STMicroelectronics 4027 Datasheet HTML 3Page - STMicroelectronics 4027 Datasheet HTML 4Page - STMicroelectronics 4027 Datasheet HTML 5Page - STMicroelectronics 4027 Datasheet HTML 6Page - STMicroelectronics 4027 Datasheet HTML 7Page - STMicroelectronics 4027 Datasheet HTML 8Page - STMicroelectronics 4027 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb =25°C, CL = 50pF, RL = 200kΩ,
typical temperature coefficient for all VDD = 0.3%/°C values, all input rise and fall time = 20ns)
Value
Symbol
Parameter
Test Conditions
VDD (V) Min.
Typ.
Max.
Unit
tPLH,tPHL
Propagation
Delay Time
Clock to Q or Q
Outputs
5150
300
ns
10
65
130
15
45
90
tPLH
Propagation
Delay Time
Set to Q or Reset
to Q
5150
300
ns
10
65
130
15
45
90
tPHL
Propagation
Delay Time
Set to Q or Reset
to Q
5200
400
10
85
170
15
60
120
tTHL,tTLH
Transition Time
5
100
200
ns
10
50
100
15
40
80
tW
Pulse Width
Clock
5
140
70
ns
10
60
30
15
40
20
tW
Pulse Width
Set or Reset
5
180
90
10
80
40
15
50
25
tr,tf
Clock Input Rise
or Fall Time
515
µs
10
4
15
1
tsetup
Setup Time
Data
5
200
100
ns
10
75
35
15
50
25
fmax
Maximum
Clock Input
Frequency *
Toggle Mode
5
3.5
7
MHz
10
8
16
15
12
24
* Input tr, tf = 5ns.
HCC/HCF4027B
5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com