Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HV160-SM02-R Datasheet(PDF) 8 Page - Superior Sensors Technology.

Part # HV160-SM02-R
Description  Differential Low Pressure Sensors HVAC Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERIOR-SENSORS [Superior Sensors Technology.]
Direct Link  https://superiorsensors.com/
Logo SUPERIOR-SENSORS - Superior Sensors Technology.

HV160-SM02-R Datasheet(HTML) 8 Page - Superior Sensors Technology.

Back Button HV160-SM02-R Datasheet HTML 4Page - Superior Sensors Technology. HV160-SM02-R Datasheet HTML 5Page - Superior Sensors Technology. HV160-SM02-R Datasheet HTML 6Page - Superior Sensors Technology. HV160-SM02-R Datasheet HTML 7Page - Superior Sensors Technology. HV160-SM02-R Datasheet HTML 8Page - Superior Sensors Technology. HV160-SM02-R Datasheet HTML 9Page - Superior Sensors Technology. HV160-SM02-R Datasheet HTML 10Page - Superior Sensors Technology. HV160-SM02-R Datasheet HTML 11Page - Superior Sensors Technology. HV160-SM02-R Datasheet HTML 12Page - Superior Sensors Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
HV Series
Differential Low Pressure Sensors 
www.SuperiorSensors.com 
8 
DS‐0001G.DOCX 
The requirement to send the Mode and Rate bytes on each data read cycle is intentional. The purpose is to force the master to send 
specific data for each communication and prevent inadvertent data from being sent to the sensor. Since a SPI interface will generally 
re‐circulate data through its shift register, the intention is to prevent the pressure output from the sensor from being re‐circulated 
back to the sensor and potentially causing unintended corruption of manufacturing data. 
 
10.4 I2C Interface
The HV Series is compatible with the I
2C protocol. For detailed information regarding the I2C protocol, please refer to the Philips I2C 
Bus Specification, Version 2.  
10.4.1 I2C Address
The I
2C address is set to 0x28 by grounding the SCK line. Other I2C addresses can be established 
by  applying  a  voltage  to  the  SCK  line  by  use  of  a  resistor  divider  across  the  sensor  supply 
voltage. The suggested resistor values and the respective I
2C address are shown in the table to 
the left. 
 Note: R1 is the lower resister of the divider where R2 is the upper resistor of the divider. 
 
 
10.4.2 I2C Communications Model
The sensor is configured as a slave device 
and  as  such,  the  communicating  host 
must  be  configured  as  a  master.  There 
are  two  types  of  possible  data  transfers, 
data 
transfers 
from 
the 
master 
transmitter  to  an  addressed  sensor 
(WRITE),  and  data  transfers  from  an 
addressed  sensor  to  a  master  receiver 
(READ).  The master device initiates both 
types  of  data  transfers  and  provides  the 
serial clock pulses on SCL.  
The  communications  model  for  I
2C  is 
similar to that of SPI however, since I
2C is 
a  half‐duplex  protocol,  the  transfer  of 
information to and from the sensor is separated into two separate communications. This is in contrast to the SPI interface where the 
transmitted  and  received  data  occurs  simultaneously  to  and  from  the  host.  Refer  to  the  figure  to  the  right  for  the  data 
communication model for the HV Series sensors. 
 User Mode Byte
SCK
MOSI
MISO
nSS
Pressure Output High Byte
 User Rate Byte
Pressure Output Low Byte
 SPI Data Diagram
R1 (kΩ)R2 (kΩ)
Address 
(decimal)
Address 
(hex)
120
5.6
49
0x31
120
12
48
0x30
120
27
47
0x2F
120
51
46
0x2E
120
100
45
0x2D
56
100
44
0x2C
30
100
43
0x2B
15
100
42
0x2A
5.6
100
41
0x29
0
NoPop
40
0x28
I2C Address Selection Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com