Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HV160-SM02-R Datasheet(PDF) 1 Page - Superior Sensors Technology.

Part # HV160-SM02-R
Description  Differential Low Pressure Sensors HVAC Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERIOR-SENSORS [Superior Sensors Technology.]
Direct Link  https://superiorsensors.com/
Logo SUPERIOR-SENSORS - Superior Sensors Technology.

HV160-SM02-R Datasheet(HTML) 1 Page - Superior Sensors Technology.

  HV160-SM02-R Datasheet HTML 1Page - Superior Sensors Technology. HV160-SM02-R Datasheet HTML 2Page - Superior Sensors Technology. HV160-SM02-R Datasheet HTML 3Page - Superior Sensors Technology. HV160-SM02-R Datasheet HTML 4Page - Superior Sensors Technology. HV160-SM02-R Datasheet HTML 5Page - Superior Sensors Technology. HV160-SM02-R Datasheet HTML 6Page - Superior Sensors Technology. HV160-SM02-R Datasheet HTML 7Page - Superior Sensors Technology. HV160-SM02-R Datasheet HTML 8Page - Superior Sensors Technology. HV160-SM02-R Datasheet HTML 9Page - Superior Sensors Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
HV Series
Differential Low Pressure Sensors 
HVAC Applications  
www.SuperiorSensors.com 
1 
DS‐0001G.DOCX 
 Highly integrated sensor with ADC and DSP 
 Selectable pressure range from 0.1 to 60 inH2O 
 Integrated 50/60Hz Notch Filter 
 Selectable Bandwidth Filter from 0.1Hz to 10Hz 
 Very High Accuracy +/‐ 0.1% of Selected Range  
 Long Term Stability +/‐ 0.1% FSS 
 Temperature Compensated 0°C to 50°C 
 Supply Voltage Compensation 
 Fully Integrated Compensation Math 
 Standard I2C and SPI Interface 
Product Summary
Superior  Sensor  Technology's  HV  Series  Family 
offers  the  industry's  highest  performing  and  most 
flexible Differential Low Pressure Sensors for HVAC 
(Heating,  Ventilation,  and  Air  Conditioning) 
applications.  Targeting pressure ranges from as low 
as  0.1"  inH2O  (Water  Column)  to  60"   inH2O  with 
industry leading 16 bits of resolution for each range 
supported.   Competing  solutions  degrade  as  the 
pressure range is lowered; but, Superior's HV Series 
with  the  Multi‐Range  capability  enabled  maintains 
optimal performance from 60" inH2O down to even 
0.1"  inH2O. 
The HV Series family employs Superior's proprietary 
NimbleSense™ architecture to create the industry's 
first generation of "Smart Sensors."   NimbleSense™ 
provides very high dynamic range to enable a single 
device  to  cover  the  entire  range  of  HVAC  pressure 
requirements.   For  example,  one  Multi‐Range 
enabled Superior Sensor device can replace three to 
five  (or  more)  competing  products  greatly 
simplifying 
installation 
requirements 
and 
significantly  lowering  inventory  costs.   As  an 
example, an HV Series device installed in the ceiling 
vent can now be programmed to accommodate any 
pressure 
requirement 
without 
additional 
installation  charges.  For  added  performance,  the 
HV Series has incorporated a 50/60Hz notch filter to 
minimize  the  impact  of  power  noise  spikes.  The 
HV Series family provides a new level of integration 
combining  an  advanced  piezoresistive  sensing 
element  with  integrated  amplification,  ADC,  DSP 
and  digital  interface  which  greatly  simplifies 
customer  integration  efforts.   The  incorporation  of 
advanced  digital  signal  processing  enables  new 
functionality  thus  simplifying  system  development, 
manufacturing ease and increased reliability. 
Constructed with a high reliability plastic enclosure, 
the HV Series family provides the ideal combination 
of  very  high  performance  and  reliability  while 
ensuring  customers  have  a  high  volume  cost 
effective  solution  optimized  for  their  HVAC 
requirements. 
 


Similar Part No. - HV160-SM02-R

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
HV1606 HELLERMANNTYTON-HV1606 Datasheet
106Kb / 2P
Cable Protection Systems
December 2021
HV1607 HELLERMANNTYTON-HV1607 Datasheet
106Kb / 2P
Cable Protection Systems
December 2021
HV1608 HELLERMANNTYTON-HV1608 Datasheet
106Kb / 2P
Cable Protection Systems
December 2021
More results

Similar Description - HV160-SM02-R

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
SLP004D SENSORTECHNICS-SLP004D Datasheet
71Kb / 4P
Low pressure sensors
SXL010D SENSORTECHNICS-SXL010D Datasheet
51Kb / 2P
Low pressure sensors
logo
Honeywell Solid State E...
163PC01D75 HONEYWELL-163PC01D75 Datasheet
507Kb / 5P
Pressure Sensors Low Pressure Differential, Gage, Vacuum Gage/Amplified
logo
Honeywell Accelerometer...
26PCCFB2G HONEYWELL-ACC-26PCCFB2G Datasheet
80Kb / 2P
Pressure Sensors Gage and Differential/Unamplified
logo
Sensortechnics GmbH
LDES025U SENSORTECHNICS-LDES025U Datasheet
226Kb / 13P
Digital low differential pressure sensors
LMES025U SENSORTECHNICS-LMES025U Datasheet
562Kb / 12P
digital low differential pressure sensors
logo
Silicon Microstructures...
SM4221 SMI-SM4221 Datasheet
1Mb / 11P
Gauge & Differential Pressure Sensors
SM5221 SMI-SM5221 Datasheet
1Mb / 11P
Gauge & Differential Pressure Sensors
SM9333 SMI-SM9333 Datasheet
1Mb / 18P
Differential Pressure Sensors
logo
Sensata Technologies, I...
2CP5 SENSATA-2CP5 Datasheet
225Kb / 3P
HVAC/Refrigeration Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com