Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HV110-SM02-R Datasheet(PDF) 11 Page - Superior Sensors Technology.

Part # HV110-SM02-R
Description  Differential Low Pressure Sensors HVAC Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERIOR-SENSORS [Superior Sensors Technology.]
Direct Link  https://superiorsensors.com/
Logo SUPERIOR-SENSORS - Superior Sensors Technology.

HV110-SM02-R Datasheet(HTML) 11 Page - Superior Sensors Technology.

Back Button HV110-SM02-R Datasheet HTML 7Page - Superior Sensors Technology. HV110-SM02-R Datasheet HTML 8Page - Superior Sensors Technology. HV110-SM02-R Datasheet HTML 9Page - Superior Sensors Technology. HV110-SM02-R Datasheet HTML 10Page - Superior Sensors Technology. HV110-SM02-R Datasheet HTML 11Page - Superior Sensors Technology. HV110-SM02-R Datasheet HTML 12Page - Superior Sensors Technology. HV110-SM02-R Datasheet HTML 13Page - Superior Sensors Technology. HV110-SM02-R Datasheet HTML 14Page - Superior Sensors Technology. HV110-SM02-R Datasheet HTML 15Page - Superior Sensors Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
HV Series
Differential Low Pressure Sensors 
www.SuperiorSensors.com 
11 
DS‐0001G.DOCX 
10.6.2 Rate Control Register
 Default Value: 0x00 
The Rate Control Register controls the rate at which the DAV 
pin is asserted indicating new data is available. This register is 
primarily used to throttle down the actual data transfer rate 
(when  using  the  DAV  as  the  trigger  to  sample)  since  the 
general  HVAC  requirement  is  less  than  the  internal  111Hz 
update rate.
  
The function of this register is that it is the reload value of a 
data  rate  counter.  The  value  of  the  Rate  Control  Register  is 
the divisor of the 111 Hz internal data rate. Since a divisor of 
zero  is  not  possible,  a  zero  value  will  select  the  auto‐select 
rate  mode.  In  this  mode,  the  rate  is  selected  based  on  the 
selected  bandwidth  limit.  The  auto  rate  value  is  11.1  times 
the  corner  frequency  of  the  bandwidth  limit  in  all  auto 
selected rates.  
Note: Start‐up time for the sensor is approximately 250ms for 
the  first  sample  to  be  settled.  Requesting  data  during  this 
time will result in invalid information. However, this start‐up 
time can be used for configuring the Mode and Rate registers 
by  performing  a  transfer  with  the  desired  Mode  and  Rate 
register  values  and  discarding  the  received  pressure  data. 
After  waiting  the  required  start‐up  time,  the  sensor  will 
respond with desired data since the Mode and Rate registers 
have been pre‐established. 
10.7 Computing Pressure
The  pressure  data  is  in  the  form  of  16  bit  signed  integer  sent  in  high  byte  then  low  byte  order.  This  is  a  differential  output  by 
definition and the data range is ±2
15. There is a 10% margin in the output scaling and the selected full scale will reside in the 90% 
band of the total available output data range. Refer to Equation 1 (below) for the general model for computing the output pressure. 
As an example, if the sensor output is 3,647 counts and the selected pressure range is 1.0 inH2O, then the output pressure is 0.124 
inH2O. Conversely, for a ‐3,647 count with the selected pressure range of 1.0 inH2O, the computed output pressure is ‐0.124 inH2O.  
Refer to Example 1 (below) for the specific example computation. 
 
 
1:
% ∗
∗
 
1:
,
% ∗
∗1
0.124
 
 
 
 
  
b7
b6
b5
b4
b3
b2
b1
b0
Rate Control Register
0
0
0
0
0
1
0
1
0
0
1
1
1
1
0
1
1
1
Auto Select
111 Hz
55.5 Hz
37 Hz
0.437 Hz
0.435 Hz
0.1 Hz
0.25 Hz
0.5 Hz
1.0 Hz
2.5 Hz
5.0 Hz
10.0 Hz
Selected BW Limit
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
1
1
111 Hz
55.5 Hz
27.7 Hz
11.1 Hz
5.55 Hz
2.77 Hz
1.11 Hz
Auto Select Rate
 
Rate Control Register Detail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com