Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51822-QFAA-R7 Datasheet(PDF) 49 Page - Nordic Semiconductor

Part # NRF51822-QFAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-QFAA-R7 Datasheet(HTML) 49 Page - Nordic Semiconductor

Back Button NRF51822-QFAA-R7 Datasheet HTML 45Page - Nordic Semiconductor NRF51822-QFAA-R7 Datasheet HTML 46Page - Nordic Semiconductor NRF51822-QFAA-R7 Datasheet HTML 47Page - Nordic Semiconductor NRF51822-QFAA-R7 Datasheet HTML 48Page - Nordic Semiconductor NRF51822-QFAA-R7 Datasheet HTML 49Page - Nordic Semiconductor NRF51822-QFAA-R7 Datasheet HTML 50Page - Nordic Semiconductor NRF51822-QFAA-R7 Datasheet HTML 51Page - Nordic Semiconductor NRF51822-QFAA-R7 Datasheet HTML 52Page - Nordic Semiconductor NRF51822-QFAA-R7 Datasheet HTML 53Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 130 page
background image
Page 49
nRF51822 Product Specification v3.3
8.3
Block resource requirements
Table 33 Clock and power requirements for different blocks
8.4
CPU
Table 34 CPU specifications
Block
ID
Resource requirements
Comment
1V2
HFCLK1
1. HFCLK could be one of the following; RC16M, XO16M, or XO32M.
LFCLK
1V7
Radio
1
x
x
Requires HFCLK XOSC.
UART
2
x
x
When receiver or transmitter are
STARTed.
SPIS
4
x
x
Requested when CSN asserts.
SPI
3, 4
x
x
TWI
3, 4
x
x
GPIOTE
6
x
x
Only in input mode.
ADC
7
x
x
Requires HFCLK XOSC.
TIMER
8, 9, 10
x
Requires 1V2 when a TIMER EVENT is
triggered.
RTC
11, 17
x
HFCLK will be requested if the LFCLK is
synthesized from HFCLK.
TEMP
12
x
x
Requires HFCLK XOSC.
RNG
13
x
x
ECB
14
x
x
WDT
16
x
HFCLK will be requested if the LFCLK is
synthesized from HFCLK.
QDEC
18
x
x
LPCOMP
19
No resources required.
CPU
--
x
x
x
Symbol
Description
Min.
Typ.
Max.
Units
Test
level
ICPU, FLASH
Run current at 16 MHz (XOSC).
Executing code from flash memory.
4.11
1. Includes CPU, flash, 1V2, 1V7, RC16M.
mA
2
ICPU, RAM
Run current at 16 MHz (XOSC).
Executing code from RAM.
2.42
2. Includes CPU, RAM, 1V2, RC16M.
mA
1
ISTART, CPU
CPU startup current.
600
μA
1
tSTART, CPU
IDLE to CPU execute.
03
3. t1V2 if 1V2 regulator is not running already.
μs
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com