Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51822-QFAA-R7 Datasheet(PDF) 84 Page - Nordic Semiconductor

Part # NRF51822-QFAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-QFAA-R7 Datasheet(HTML) 84 Page - Nordic Semiconductor

Back Button NRF51822-QFAA-R7 Datasheet HTML 80Page - Nordic Semiconductor NRF51822-QFAA-R7 Datasheet HTML 81Page - Nordic Semiconductor NRF51822-QFAA-R7 Datasheet HTML 82Page - Nordic Semiconductor NRF51822-QFAA-R7 Datasheet HTML 83Page - Nordic Semiconductor NRF51822-QFAA-R7 Datasheet HTML 84Page - Nordic Semiconductor NRF51822-QFAA-R7 Datasheet HTML 85Page - Nordic Semiconductor NRF51822-QFAA-R7 Datasheet HTML 86Page - Nordic Semiconductor NRF51822-QFAA-R7 Datasheet HTML 87Page - Nordic Semiconductor NRF51822-QFAA-R7 Datasheet HTML 88Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 130 page
background image
Page 84
nRF51822 Product Specification v3.3
11.3.2
QFAA QFN48 schematic with low voltage mode setup
Figure 25 QFAA QFN48 with low voltage mode setup
Note: For PCB reference layouts, see the Reference Layout page in the Infocenter.
C1
12pF
C2
12pF
C9
1.0nF
C8
100nF
C10
47nF
C11
100nF
VCC_1V8
VCC_1V8
VCC_1V8
C7
100nF
VCC_1V8
P0.07
P0.30
P0.17
P0.18
P0.19
P0.20
P0.00
P0.01
P0.02
P0.03
P0.04
P0.06
P0.05
C3
2.2nF
C4
1.0pF
C5
2.2pF
C6
1.5pF
C14
12pF
C13
12pF
Optional
VDD
1
VDD
12
VDD_PA
30
ANT1
31
ANT2
32
VSS
33
VSS
34
AVDD
35
AVDD
36
nRF51x22
DCC
2
P0.30
3
P0.00
4
P0.01
5
P0.02
6
P0.03
7
P0.04
8
P0.05
9
P0.06
10
P0.07
11
P0.17
25
P0.18
26
P0.19
27
P0.20
28
DEC2
29
U1
nRF51x22-QFAA
L1
4.7nH
L2
10nH
L3
3.3nH
R1
1k
X1
16MHz
X2
32.768kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com