Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F101RBU6 Datasheet(PDF) 55 Page - STMicroelectronics

Part # STM32F101RBU6
Description  Medium-density access line, ARM®-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101RBU6 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM32F101RBU6 Datasheet HTML 51Page - STMicroelectronics STM32F101RBU6 Datasheet HTML 52Page - STMicroelectronics STM32F101RBU6 Datasheet HTML 53Page - STMicroelectronics STM32F101RBU6 Datasheet HTML 54Page - STMicroelectronics STM32F101RBU6 Datasheet HTML 55Page - STMicroelectronics STM32F101RBU6 Datasheet HTML 56Page - STMicroelectronics STM32F101RBU6 Datasheet HTML 57Page - STMicroelectronics STM32F101RBU6 Datasheet HTML 58Page - STMicroelectronics STM32F101RBU6 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 101 page
background image
DocID13586 Rev 17
55/101
STM32F101x8, STM32F101xB
Electrical characteristics
100
5.3.13
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 33 are derived from tests
performed under the conditions summarized in Table 8. All I/Os are CMOS and TTL
compliant.
Table 33. I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Low level input
voltage
Standard IO
input low level
voltage
-
-
0.28*(VDD-2 V)+0.8 V(1)
V
IO FT(3) input low
level voltage
--
0.32*(VDD-2 V)+0.75 V(1)
All I/Os except
BOOT0
-
-
0.35VDD(2)
VIH
High level input
voltage
Standard IO
input high level
voltage
0.41*(VDD-2 V)+1.3
V(1)
--
IO FT(3) input
high level voltage
0.42*(VDD-2 V)+1 V(1)
--
All I/Os except
BOOT0
0.65VDD(2)
--
Vhys
Standard IO Schmitt
trigger voltage
hysteresis(4)
-200
-
-
mV
IO FT Schmitt trigger
voltage hysteresis(4)
-5% VDD(5)
--
Ilkg
Input leakage current
(6)
VSS VIN VDD
Standard I/Os
--
1
µA
VIN = 5 V
I/O FT
--
3
RPU
Weak pull-up
equivalent resistor(7)
VIN VSS
30
40
50
k
RPD
Weak pull-down
equivalent resistor(7)
VIN VDD
30
40
50
CIO
I/O pin capacitance
-
-
5
-
pF
1. Data based on design simulation.
2. Tested in production.
3. FT = Five-volt tolerant. In order to sustain a voltage higher than VDD+0.3 the internal pull-up/pull-down resistors must be
disabled.
4. Hysteresis voltage between Schmitt trigger switching levels. Based on characterization, not tested in production.
5. With a minimum of 100 mV.
6. Leakage could be higher than max. if negative current is injected on adjacent pins.
7. Pull-up and pull-down resistors are designed with a true resistance in series with a switchable PMOS/NMOS. This
PMOS/NMOS contribution to the series resistance is minimum (~10% order)
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com