Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F101RBU6 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32F101RBU6
Description  Medium-density access line, ARM®-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101RBU6 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32F101RBU6 Datasheet HTML 7Page - STMicroelectronics STM32F101RBU6 Datasheet HTML 8Page - STMicroelectronics STM32F101RBU6 Datasheet HTML 9Page - STMicroelectronics STM32F101RBU6 Datasheet HTML 10Page - STMicroelectronics STM32F101RBU6 Datasheet HTML 11Page - STMicroelectronics STM32F101RBU6 Datasheet HTML 12Page - STMicroelectronics STM32F101RBU6 Datasheet HTML 13Page - STMicroelectronics STM32F101RBU6 Datasheet HTML 14Page - STMicroelectronics STM32F101RBU6 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 101 page
background image
DocID13586 Rev 17
11/101
STM32F101x8, STM32F101xB
Description
100
2.1
Device overview
Figure 1 shows the general block diagram of the device family.
Table 2. Device features and peripheral counts (STM32F101xx
medium-density access line)
Peripheral
STM32F101Tx STM32F101Cx STM32F101Rx
STM32F101Vx
Flash - Kbytes
64
128
64
128
64
128
64
128
SRAM - Kbytes
10
16
10
16
10
16
10
16
General -purpose
3
333
SPI
1
222
I2C
1
222
USART
2
333
12-bit synchronized ADC
number of channels
110 channels
110 channels
116 channels
116 channels
GPIOs
26
37
51
80
CPU frequency
36 MHz
Operating voltage
2.0 to 3.6 V
Operating temperatures
Ambient temperature: –40 to +85 °C (see Table 8)
Junction temperature: –40 to +105 °C (see Table 8)
Packages
VFQFPN36
LQFP48,
UFQFPN48
LQFP64
LQFP100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com