Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSF0108 Datasheet(PDF) 150 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 150 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 146Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 147Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 148Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 149Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 150Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 151Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 152Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 153Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 154Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 234 page
background image
Bus Switches
Type number
Description
V
CC (V)
V
PASS (V)
Logic
switching
levels
R
ON(Ω)
f(
-3dB) (MHz)
Number
of bits
t
pd (ns)
T
amb (°C)
74CB3Q3253
Dual 1-of-4 FET multiplexer/ demulti-
plexer with charge pump
2.3 - 3.6
V
CC
CMOS/LVTTL
4
500
2
0.2
-40 to 85
74CB3Q3257
Quad 1-of-2 FET multiplexer/ demulti-
plexer with charge pump
2.3 - 3.6
V
CC
CMOS/LVTTL
4
500
4
0.2
-40 to 85
74CBTLV16211
24-bit bus switch
2.3 - 3.6
3.3
CMOS/LVTTL
7
400
10
0.2
-40 to 125
74CBTLV1G125
Single bus switch
2.3 - 3.6
3.3
CMOS/LVTTL
7
400
1
0.2
-40 to 125
74CBTLV3125
Quad bus switch
2.3 - 3.6
3.3
CMOS/LVTTL
7
400
4
0.2
-40 to 125
74CBTLV3126
Quad bus switch
2.3 - 3.6
3.3
CMOS/LVTTL
7
400
4
0.2
-40 to 125
74CBTLV3244
Octal bus switch
2.3 - 3.6
3.3
CMOS/LVTTL
7
400
8
0.2
-40 to 125
74CBTLV3245
Octal bus switch
2.3 - 3.6
3.3
CMOS/LVTTL
7
400
8
0.2
-40 to 125
74CBTLV3253
Dual 4:1 mux/demux
2.3 - 3.6
3.3
CMOS/LVTTL
7
400
2
0.2
-40 to 125
74CBTLV3257
Quad 2:1 mux/demux
2.3 - 3.6
3.3
CMOS/LVTTL
7
400
4
0.2
-40 to 125
74CBTLV3306
2-bit bus switch
2.3 - 3.6
5.0
CMOS/LVTTL
7
400
2
0.2
-40 to 125
74CBTLV3384
10-bit bus switch
2.3 - 3.6
3.3
CMOS/LVTTL
7
400
10
0.2
-40 to 125
74CBTLV3861
10-bit bus switch
2.3 - 3.6
3.3
CMOS/LVTTL
7
400
10
0.2
-40 to 125
74CBTLVD3244
Octal bus switch level translator
3.0 - 3.6
1.8
CMOS/LVTTL
7
400
8
0.2
-40 to 125
74CBTLVD3245
Octal bus switch level translator
3.0 - 3.6
1.8
CMOS/LVTTL
7
400
8
0.2
-40 to 125
74CBTLVD3384
10-bit bus switch level translator
3.0 - 3.6
1.8
CMOS/LVTTL
7
400
10
0.2
-40 to 125
74CBTLVD3861
10-bit bus switch level translator
3.0 - 3.6
1.8
CMOS/LVTTL
7
400
10
0.2
-40 to 125
CBT16210
20-bit bus switch
4.5 - 5.5
3.9
TTL
7
300
20
0.25
-40 to 85
CBT3125
Quad bus switch
4.5 - 5.5
3.9
TTL
7
300
4
0.25
-40 to 85
CBT3244A
Octal bus switch
4.5 - 5.5
3.9
TTL
7
300
8
0.25
-40 to 85
CBT3245A
Octal bus switch
4.5 - 5.5
3.9
TTL
7
300
8
0.25
-40 to 85
CBT3251
8:1 mux/demux
4.5 - 5.5
3.9
TTL
7
300
8
0.25
-40 to 85
CBT3253
Dual 4:1 mux/demux
4.5 - 5.5
3.9
TTL
7
300
2
0.25
-40 to 85
CBT3253A
Dual 4:1 mux/demux
4.5 - 5.5
3.9
TTL
7
300
2
0.25
-40 to 85
CBT3257A
Quad 2:1 mux/demux
4.5 - 5.5
3.9
TTL
7
300
4
0.25
-40 to 85
CBT3306
Dual bus switch
4.5 - 5.5
3.9
TTL
7
300
2
0.25
-40 to 85
CBT3861
10-bit bus switch
4.5 - 5.5
3.9
TTL
7
300
10
0.25
-40 to 85
CBTD16210
20-bit bus switch level translator
4.5 - 5.5
3.3
TTL
7
300
20
0.25
-40 to 85
CBTD3306
Dual bus switch level translator
4.5 - 5.5
3.3
TTL
7
300
2
0.25
-40 to 85
CBTD3384
10-bit bus switch level translator
4.5 - 5.5
3.3
TTL
7
300
10
0.25
-40 to 85
CBTD3861
10-bit bus switch level translator
4.5 - 5.5
3.3
TTL
7
300
10
0.25
-40 to 85
I/O expansion
Nexperia selection guide 2020
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com