Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSF0108 Datasheet(PDF) 153 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 153 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 149Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 150Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 151Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 152Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 153Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 154Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 155Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 156Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 157Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 234 page
background image
I/O expansion
Type number
Description
V
CC (V)
Logic
switching
levels
Output drive
capability (mA)
t
pd (ns)
f
max (MHz)
Number
of bits
T
amb (°C)
74HC164
8-bit serial-in/parallel-out shift register
2.0 - 6.0
CMOS
+/- 5.2
12
78
8
-40 to 125
74HCT164
8-bit serial-in/parallel-out shift register; TTL enabled
2.0 - 6.0
TTL
+/- 5.2
12
78
8
-40 to 125
74HC165
8-bit parallel or serial-in/serial-out shift register
2.0 - 6.0
CMOS
+/- 5.2
16
56
8
-40 to 125
74HCT165
8-bit parallel or serial-in/serial-out shift register; TTL
enabled
4.5 - 5.5
TTL
+/- 4
14
48
8
-40 to 125
74HC166
8-bit parallel or serial-in/serial-out shift register
2.0 - 6.0
CMOS
+/- 5.2
15
63
8
-40 to 125
74HCT166
8-bit parallel or serial-in/serial-out shift register; TTL
enabled
4.5 - 5.5
TTL
+/- 4.0
23
50
8
-40 to 125
74HC594
8-bit serial-in/parallel-out shift register with output
storage register
2.0 - 6.0
CMOS
+/- 7.8
14
109
8
-40 to 125
74HCT594
8-bit serial-in/parallel-out shift register with output
storage register; TTL enabled
4.5 - 5.5
TTL
+/- 6
15
100
8
-40 to 125
74HC595
8-bit serial-in/parallel-out shift register with output
storage register (3-state)
2.0 - 6.0
CMOS
+/- 7.8
16
108
8
-40 to 125
74HCT595
8-bit serial-in/parallel-out shift register with output
storage register; TTL enabled (3-state)
4.5 - 5.5
TTL
+/- 6
25
57
8
-40 to 125
74HC597
8-bit parallel or serial-in/parallel-out shift register with
parallel input storage register
2.0 - 6.0
CMOS
+/- 5.2
16
108
8
-40 to 125
74HCT597
8-bit parallel or serial-in/parallel-out shift register with
parallel input storage register; TTL enabled
4.5 - 5.5
TTL
+/- 4
20
83
8
-40 to 125
74HC4094
8-bit serial-in/serial or parallel-out shift register with
output register (3-state)
2.0 - 6.0
CMOS
+/- 5.2
15
95
8
-40 to 125
74HCT4094
8-bit serial-in/serial or parallel-out shift register with
output register; TTL enabled (3-state)
4.5 - 5.5
TTL
+/- 4
19
86
8
-40 to 125
74LV164
8-bit serial-in/parallel-out shift register
1.0 - 5.5
CMOS
+/- 12
12
78
8
-40 to 125
74LV165
8-bit parallel or serial-in/serial-out shift register
1.0 - 5.5
CMOS
+/- 12
18
78
8
-40 to 125
74LV165A
8-bit parallel or serial-in/serial-out shift register
1.0 - 5.5
CMOS
+/- 12
7.5
115
8
-40 to 125
74LV595
8-bit serial-in/parallel-out shift register with output
storage register (3-state)
1.0 - 3.6
CMOS
+/- 8
15
77
8
-40 to 125
74LV4094
8-bit serial-in/serial or parallel-out shift register with
output register (3-state)
1.0 - 3.6
CMOS
+/- 6
14
95
8
-40 to 125
74LVC594A
8-bit serial-in/parallel-out shift register with output
storage register
1.2 - 5.5
CMOS/LVTTL
+/- 24
3.1
180
8
-40 to 125
74LVC595A
8-bit serial-in/parallel-out shift register with output
storage register (3-state)
1.2 - 5.5
CMOS/LVTTL
+/- 24
4
180
8
-40 to 125
74LVC8T595
Dual supply 8-bit serial-in/serial-out or parallel-out shift
register; 3-state
1.1 - 5.5
CMOS/ LVTTL
±24
4.1
15
8
-40 to 125
74VHC595
8-bit serial-in/parallel-out shift register with output
storage register (3-state)
2.0 - 5.5
CMOS
+/- 8
4
170
8
-40 to 125
74VHCT595
8-bit serial-in/parallel-out shift register with output
storage register; TTL enabled (3-state)
4.5 - 5.5
TTL
+/- 8
3.8
170
8
-40 to 125
NPIC6C595
8-bit serial-in/parallel-out shift register with output
storage register (3-state); open-drain
4.5 - 5.5
CMOS
100
90
10
8
-40 to 125
NPIC6C596
8-bit serial-in/serial or parallel-out shift register with
output register LED driver (3-state); open-drain
4.5 - 5.5
CMOS
100
90
10
8
-40 to 125
NPIC6C596A
8-bit serial-in/serial or parallel-out shift register with
output register LED driver (3-state); open-drain
2.3 - 5.5
CMOS
100
90
10
8
-40 to 125
NPIC6C4894
12-bit shift registers; open-drain
4.5 - 5.5
CMOS
100
90
10
12
-40 to 125
HEF4014B
8-bit shift register with synchronous parallel enable
4.5 - 15
CMOS
+/- 2.4
40
40
8
-40 to 85
HEF4015B
dual 4-bit serial-in/parallel-out shift register
4.5 - 15
CMOS
+/- 2.4
40
44
2
-40 to 85
HEF4021B
8-bit shift register with asynchronous parallel load
4.5 - 15
CMOS
+/- 2.4
40
40
8
-40 to 85
HEF4094B
8-bit serial-in/serial or parallel-out shift register with
output register (3-state)
4.5 - 15
CMOS
+/- 2.4
50
28
8
-40 to 85
HEF4557B
1-to-64 bit shift register with variable length
4.5 - 15
CMOS
+/- 2.4
65
20
64
-40 to 85
HEF4794B
8-bit serial-in/serial or parallel-out shift register with
output register LED driver (3-state)
4.5 - 15
CMOS
-20
45
28
8
-40 to 85
HEF4894B
12-bit serial-in/serial or parallel-out shift register with
output register LED driver (3-state)
4.5 - 15
CMOS
-20
45
28
12
-40 to 85
Shift Registers
153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com