Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC38RF80IAAV Datasheet(PDF) 116 Page - Texas Instruments

Part # DAC38RF80IAAV
Description  DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF80IAAV Datasheet(HTML) 116 Page - Texas Instruments

Back Button DAC38RF80IAAV Datasheet HTML 112Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 113Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 114Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 115Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 116Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 117Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 118Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 119Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 160 page
background image
Table 7-101. JESD_CROSSBAR2 Field Descriptions (continued)
Bit
Field
Type
Reset
Description
6:4
OCTETPATH6_SEL
R/W
110
These bits are used by the cross-bar switch to map any lane to
any other lane. The 3 bit term tells the mapper block what lane
this particular lane is supposed to be treated as.
000 = treat as lane0
001 = treat as lane1
010 = treat as lane2
011 = treat as lane3
100 = treat as lane4
101 = treat as lane5
110 = treat as lane6
111 = treat as lane7
3
Reserved
R/W
0
Reserved
2:0
OCTETPATH7_SEL
R/W
111
These bits are used by the cross-bar switch to map any lane to
any other lane. The 3 bit term tells the mapper block what lane
this particular lane is supposed to be treated as.
000 = treat as lane0
001 = treat as lane1
010 = treat as lane2
011 = treat as lane3
100 = treat as lane4
101 = treat as lane5
110 = treat as lane6
111 = treat as lane7
7.5.59 JESD Alarms for Lane 0 Register (address = 0x64) [reset = 0x0000]
Figure 7-92. JESD Alarms for Lane 0 Register (JESD_ALM_L0)
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
x
W0C
W0C
W0C
W0C
W0C
W0C
W0C
W0C
7
6
5
4
3
2
1
0
0
1
1
0
0
1
0
0
W0C
W0C
W0C
W0C
W0C
W0C
W0C
W0C
LEGEND: R/W = Read/Write; R = Read only; W0C = Write 0 to clear bit; -n = value after reset
Table 7-102. JESD_ALM_L0 Field Descriptions
Bit
Field
Type
Reset
Description
15:8
ALM_LANE0_ERR
W0C
0x00
Lane0 errors:
bit 15 = multiframe alignment error
bit 14 = frame alignment error
bit 13 = link configuration error
bit 12 = elastic buffer overflow (bad RBD value)
bit 11 = elastic buffer match error. The first non-/K/ doesn’t
match “match_ctrl” and “match_data” programmed values.
bit 10 = code synchronization error
bit 9 = 8b/10b not-in-table code error
bit 8 = 8b/10b disparity error
7:4
Reserved
W0C
0x0
Reserved
3:0
ALM_FIFO0_FLAGS
W0C
0x0
Lane0 FIFO errors:
bit 3 = write_error : High if write request and FIFO is full (NOTE:
only released when JESD block is initialize with mem_init_state)
bit 2 = write_full : FIFO is FULL
bit 1 = read_error : High if read request with empty FIFO (NOTE:
only released when JESD block is initialize with mem_init_state)
bit 0 = read_empty : FIFO is empty
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3D – DECEMBER 2016 – REVISED DECEMBER 2023
www.ti.com
116
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DAC38RF80 DAC38RF83 DAC38RF84 DAC38RF85 DAC38RF90 DAC38RF93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com