Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC38RF80IAAV Datasheet(PDF) 129 Page - Texas Instruments

Part # DAC38RF80IAAV
Description  DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF80IAAV Datasheet(HTML) 129 Page - Texas Instruments

Back Button DAC38RF80IAAV Datasheet HTML 125Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 126Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 127Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 128Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 129Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 130Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 131Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 132Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 160 page
background image
7.5.77 Sleep Pin Control Register (address = 0x23) [reset = 0xFFFF]
These fields control the routing of the SLEEP signal to different blocks. Assertion means that the SLEEP signal
will be sent to the block. These bits do not override the SPI bits; just the SLEEP signal from the PAD.
Figure 7-110. Sleep Pin Control Register (SLEEP_CNTL)
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
x
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
0
0
1
0
0
0
1
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 7-120. SLEEP_CNTL Field Descriptions
Bit
Field
Type
Reset
Description
15:10
Reserved
R/W
11111
Reserved
9
CLKOUT_SLEEP
R/W
1
Allows the output clock to sleep
8
BG_SLEEP
R/W
1
Allows the band gap to sleep
7
TEMP_SLEEP
R/W
1
Allows the temp sensor to sleep
6
PLL_CP_SLEEP
R/W
1
Allows the PLL charge pump to sleep
5
PLL_SLEEP
R/W
1
Allows the PLL to sleep
4
CLK_RECV_SLEEP
R/W
1
Allows the clock receiver to sleep
3:2
Reserved
R/W
11
Reserved
1
DACB_SLEEP
R/W
1
Allows DACB to sleep
0
DACA_SLEEP
R/W
1
Allows DACA to sleep
www.ti.com
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3D – DECEMBER 2016 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
129
Product Folder Links: DAC38RF80 DAC38RF83 DAC38RF84 DAC38RF85 DAC38RF90 DAC38RF93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com