Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 88 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF12 and DDS39RFS12, 12GSPS to 24GSPS, Dual and Single Channel, Multi- Nyquist Direct Digital Synthesizer (DDS)
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 88 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 84Page - Texas Instruments DAC39RFS10 Datasheet HTML 85Page - Texas Instruments DAC39RFS10 Datasheet HTML 86Page - Texas Instruments DAC39RFS10 Datasheet HTML 87Page - Texas Instruments DAC39RFS10 Datasheet HTML 88Page - Texas Instruments DAC39RFS10 Datasheet HTML 89Page - Texas Instruments DAC39RFS10 Datasheet HTML 90Page - Texas Instruments DAC39RFS10 Datasheet HTML 91Page - Texas Instruments DAC39RFS10 Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 177 page
background image
Table 7-39. SYSREF_CTRL Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
5
SYSREF_PS_EN
R/W
0b
When set, SYSREF_POS will contain 1’s for all positions that have
been detected as near the SYSREF edge since this bit was set.
When cleared, SYSREF_POS will only contain 1’s for the last
SYSREF edge that was detected.
4
SYSREF_ZOOM
R/W
0b
Set this bit to “zoom” in the SYSREF strobe status (impacts
SYSREF_POS and the step size of SYSREF_SEL).
3-0
SYSREF_SEL
R/W
0b
Set this field to select which SYSREF delay to use. Set this based on
the results returned by SYSREF_POS.
7.5.3.8 SYSREF_POS Register (Offset = 90h) [reset = NA]
SYSREF_POS is shown in Figure 7-68 and described in Table 7-40.
Return to the Register Summary Table.
SYSREF Position Capture
Figure 7-68. SYSREF_POS Register
23
22
21
20
19
18
17
16
RESERVED
SYSREF_POS
R
R
15
14
13
12
11
10
9
8
SYSREF_POS
R
7
6
5
4
3
2
1
0
SYSREF_POS
R
Table 7-40. SYSREF_POS Register Field Descriptions
Bit
Field
Type
Reset
Description
23-20
Reserved
R
0x0
Reserved
19-0
SYSREF_POS
R
NA
Returns a 20-bit status value that indicates the position of the
SYSREF edge with respect to CLK. Use this to determine the proper
programming for SYSREF_SEL, and SYSREF_ZOOM.
7.5.3.9 SYSREF_ALIGN Register (Offset = 00A0h) [reset = 00h]
SYSREF_ALIGN is shown in Figure 7-69 and described in Table 7-41.
Return to the Register Summary Table.
SYSREF Alignment Control
Figure 7-69. SYSREF_ALIGN Register
7
6
5
4
3
2
1
0
RESERVED
SYSREF_ALIGN_EN
R/W-00h
R/W-0b
Table 7-41. SYSREF_ALIGN Register Field Descriptions
Bit
Field
Type
Reset
Description
7-1
RESERVED
R/W
00h
Reserved
DDS39RF12, DDS39RFS12
SBASB21 – SEPTEMBER 2024
www.ti.com
88
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DDS39RF12 DDS39RFS12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com