Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMSC011-P20S Datasheet(PDF) 19 Page - STMicroelectronics

Part # IMSC011-P20S
Description  Link adaptor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSC011-P20S Datasheet(HTML) 19 Page - STMicroelectronics

Back Button IMSC011-P20S Datasheet HTML 15Page - STMicroelectronics IMSC011-P20S Datasheet HTML 16Page - STMicroelectronics IMSC011-P20S Datasheet HTML 17Page - STMicroelectronics IMSC011-P20S Datasheet HTML 18Page - STMicroelectronics IMSC011-P20S Datasheet HTML 19Page - STMicroelectronics IMSC011-P20S Datasheet HTML 20Page - STMicroelectronics IMSC011-P20S Datasheet HTML 21Page - STMicroelectronics IMSC011-P20S Datasheet HTML 22Page - STMicroelectronics IMSC011-P20S Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
7 Electrical specifications
/30
19
7
Electrical specifications
7.1
DC electrical characteristics
SYMBOL
PARAMETER
MIN
MAX
UNITS
NOTES
VDD
DC supply voltage
0
7.0
V
1,2,3
VI,VO
Voltage on input and output pins
–0.5
VDD+0.5
V
1,2,3
II
Input current
25
mA
4
tOSC
Output short circuit time (one pin)
1
s
2
TS
Storage temperature
–65
150
oC2
TA
Ambient temperature under bias
–55
125
oC2
PDmax
Maximum allowable dissipation
600
mW
Notes
1 All voltages are with respect to GND.
2 This is a stress rating only and functional operation of the device at these or any other conditions
beyond those indicated in the operating sections of this specification is not implied. Stresses
greater than those listed may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
3 This device contains circuitry to protect the inputs against damage caused by high static voltages
or electrical fields. However, it is advised that normal precautions be taken to avoid application
of any voltage higher than the absolute maximum rated voltages to this high impedance circuit.
Unused inputs should be tied to an appropriate logic level such as VDD or GND.
4 The input current applies to any input or output pin and applies when the voltage on the pin is
between GND and VDD.
Table 7.1
Absolute maximum ratings
SYMBOL
PARAMETER
MIN
MAX
UNITS
NOTES
VDD
DC supply voltage
4.75
5.25
V
1
VI,VO
Input or output voltage
0
VDD
V
1,2
CL
Load capacitance on any pin
60
pF
TA
Operating temperature range
0
70
oC3
Notes
1 All voltages are with respect to GND.
2 Excursions beyond the supplies are permitted but not recommended; see DC characteristics.
3 Air flow rate 400 linear ft/min transverse air flow.
Table 7.2
Operating conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com