Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMSC011-P20S Datasheet(PDF) 22 Page - STMicroelectronics

Part # IMSC011-P20S
Description  Link adaptor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSC011-P20S Datasheet(HTML) 22 Page - STMicroelectronics

Back Button IMSC011-P20S Datasheet HTML 18Page - STMicroelectronics IMSC011-P20S Datasheet HTML 19Page - STMicroelectronics IMSC011-P20S Datasheet HTML 20Page - STMicroelectronics IMSC011-P20S Datasheet HTML 21Page - STMicroelectronics IMSC011-P20S Datasheet HTML 22Page - STMicroelectronics IMSC011-P20S Datasheet HTML 23Page - STMicroelectronics IMSC011-P20S Datasheet HTML 24Page - STMicroelectronics IMSC011-P20S Datasheet HTML 25Page - STMicroelectronics IMSC011-P20S Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
IMS C011
/30
22
90%
10%
TDf
90%
10%
TQf
90%
10%
TDr
90%
10%
TQr
Figure 7.3
IMS C011 input and output edge timing
1.5 V
TCSHDrHZ
90%
1.5 V
10%
TCSHDrLZ
Figure 7.4
IMS C011 tristate timing relative to notCS
10
20
30
40
60
80
100
Time
ns
Load capacitance pF
Link
Rise time
Fall time
10
20
30
40
60
80
100
Time
ns
Load capacitance pF
Non Links
Rise time
Fall time
Figure 7.5
Typical rise/fall times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com