Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SG2001 Datasheet(PDF) 1 Page - SG Micro Corp

Part # SG2001
Description  150mA, Low Power, Low Noise Low Dropout, Linear Regulators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SG2001 Datasheet(HTML) 1 Page - SG Micro Corp

  SG2001 Datasheet HTML 1Page - SG Micro Corp SG2001 Datasheet HTML 2Page - SG Micro Corp SG2001 Datasheet HTML 3Page - SG Micro Corp SG2001 Datasheet HTML 4Page - SG Micro Corp SG2001 Datasheet HTML 5Page - SG Micro Corp SG2001 Datasheet HTML 6Page - SG Micro Corp SG2001 Datasheet HTML 7Page - SG Micro Corp SG2001 Datasheet HTML 8Page - SG Micro Corp SG2001 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SG2001/A
GENERAL DESCRIPTION
The SG2001/A series low-power, low-noise, low-dropout,
CMOS linear voltage regulators operate from a 2.5V to 5.5V
input and deliver up to 150mA. They are the perfect choice
for low voltage, low power applications. An ultra low
ground current (100µA at 150mA output) makes these
parts attractive for battery operated power systems. The
SG2001/A series also offer ultra low dropout voltage
(105mV at 150mA output) to prolong battery life in
portable electronics. Systems requiring a quiet voltage
source, such as RF applications, will benefit from the
SG2001/A series’ ultra low output noise (30µVRMS). An
external noise bypass capacitor connected to the device’s
BP pin can further reduce the noise level.
The output voltage is preset to voltages in the range of 1.2V
to 5.0V. Other features include a 10nA logic-controlled
shutdown mode, foldback current limit and thermal shut-
down protection.
Devices come in 5-pin SOT23 package.
APPLICATIONS
Cellular Telephones
Cordless Telephones
PHS Telephones
PCMCIA Cards
Modems
MP3 Player
Hand-Held Instruments
Palmtop Computers
Electronic Planners
Portable/Battery-Powered Equipment
150mA, Low Power, Low Noise,
Low Dropout,Linear Regulators
FEATURES
-
Low Output Noise: 30µVRMS typ(10Hz to 100KHz)
-
Ultra-Low Dropout Voltage:
105mV at 150mA output
-
Low 77µA No-Load Supply Current
-
Low 100µA Operating Supply Current
at 150mA Output
-
Thermal-Overload Protection
-
Output Current Limit
-
Preset Output Voltages (±1.6% Accuracy)
-
10nA Logic-Controlled Shutdown
-
Available in Multiple Output Voltage Versions
Fixed Outputs of 1.2V, 1.5V, 1.8V, 2.5V, 2.8V,
2.85V, 3.0V, 3.3V, 3.6V, and 5.0V
Adjustable Output from 1.5V to 5.0V
PIN CONFIGURATIONS(TOP VIEW)
1
2
3
4
5
OUT
IN
SOT23-5
GND
EN
BP/FB
SG2001/A
Shengbang Microelectronics Co, Ltd
Tel: 86/451/84348461
www.sg-micro.com
REV. B


Similar Part No. - SG2001

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2001 MICROSEMI-SG2001 Datasheet
98Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2001 MICROSEMI-SG2001 Datasheet
242Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2001 MICROSEMI-SG2001 Datasheet
194Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2001 MICROSEMI-SG2001 Datasheet
242Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2001J MICROSEMI-SG2001J Datasheet
242Kb / 7P
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
More results

Similar Description - SG2001

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8867 MAXIM-MAX8867 Datasheet
114Kb / 8P
Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
150mA Low-Dropout Linear Regulators
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
150mA Low-Dropout Linear Regulators
logo
SG Micro Corp
SG2010 SGMICRO-SG2010 Datasheet
526Kb / 9P
150mA, Low Power, Low Dropout, Linear Regulators
SGM2005 SGMICRO-SGM2005 Datasheet
525Kb / 10P
Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2006 SGMICRO-SGM2006 Datasheet
580Kb / 11P
Low Power, Low Dropout, 150mA, RF - Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
150mA LOW-DROPOUT LINEAR REGULATORS
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
150mA LOW-DROPOUT LINEAR REGULATORS
logo
Maxim Integrated Produc...
MAX8867EUK29 MAXIM-MAX8867EUK29 Datasheet
552Kb / 11P
Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
Rev 3; 7/02
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
150mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com