Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SG2001 Datasheet(PDF) 2 Page - SG Micro Corp

Part # SG2001
Description  150mA, Low Power, Low Noise Low Dropout, Linear Regulators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SG2001 Datasheet(HTML) 2 Page - SG Micro Corp

  SG2001 Datasheet HTML 1Page - SG Micro Corp SG2001 Datasheet HTML 2Page - SG Micro Corp SG2001 Datasheet HTML 3Page - SG Micro Corp SG2001 Datasheet HTML 4Page - SG Micro Corp SG2001 Datasheet HTML 5Page - SG Micro Corp SG2001 Datasheet HTML 6Page - SG Micro Corp SG2001 Datasheet HTML 7Page - SG Micro Corp SG2001 Datasheet HTML 8Page - SG Micro Corp SG2001 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SG2001/A
2
ORDERING INFORMATION
MODEL
VOUT(V)
PIN-
PACKAGE
SPECIFIED
TEMPERATURE
RANGE
ORDERING
NUMBER
PACKAGE
MARKING
PACKAGE
OPTION
SG2001-1.2
1.2V
SOT23-5
- 40°C to +125°C
SG2001-1.2XN5/TR
X112
Tape and Reel, 3000
SG2001-1.5
1.5V
SOT23-5
- 40°C to +125°C
SG2001-1.5XN5/TR
X115
Tape and Reel, 3000
SG2001-1.8
1.8V
SOT23-5
- 40°C to +125°C
SG2001-1.8XN5/TR
X118
Tape and Reel, 3000
SG2001-2.5
2.5V
SOT23-5
- 40°C to +125°C
SG2001-2.5XN5/TR
X125
Tape and Reel, 3000
SG2001-2.8
2.8V
SOT23-5
- 40°C to +125°C
SG2001-2.8XN5/TR
X128
Tape and Reel, 3000
SG2001-2.85
2.85V
SOT23-5
- 40°C to +125°C
SG2001-2.85XN5/TR
X12J
Tape and Reel, 3000
SG2001-3.0
3.0V
SOT23-5
- 40°C to +125°C
SG2001-3.0XN5/TR
X130
Tape and Reel, 3000
SG2001-3.3
3.3V
SOT23-5
- 40°C to +125°C
SG2001-3.3XN5/TR
X133
Tape and Reel, 3000
SG2001-3.6
3.6V
SOT23-5
- 40°C to +125°C
SG2001-3.6XN5/TR
X136
Tape and Reel, 3000
SG2001-5.0
5.0V
SOT23-5
- 40°C to +125°C
SG2001-5.0XN5/TR
X150
Tape and Reel, 3000
SG2001A
adjustable
SOT23-5
- 40°C to +125°C
SG2001-XN5/TR
X1AA
Tape and Reel, 3000
ABSOLUTE MAXIMUM RATINGS
IN to GND................................................................... - 0.3V to +6V
Output Short-Circuit Duration ...........................................Infinite
EN to GND.................................................................. - 0.3V to +6V
OUT, BP/FB to GND......................................- 0.3V to (VIN + 0.3V)
Power Dissipation, PD @ TA = 25℃
SOT23-5 .....................................................................................0.4W
Package Thermal Resistance
SOT23-5, θJA....................................................................... 250℃/W
Operating Temperature Range...........................- 40°C to +125°C
Junction Temperature...........................................................+150°C
Storage Temperature.............................................- 65°C to +150°C
Lead Temperature (soldering, 10s).......................................260°C
ESD Susceptibility
HBM..........................................................................................7000V
MM..............................................................................................400V
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
IN
Regulator Input. Supply voltage can range from 2.5V to 5.5V. Bypass with a 1µF capacitor to GND.
2
GND
Ground.
3
EN
Shutdown Input. A logic low reduces the supply current to 10nA. Connect to IN for normal operation.
4
BP
Reference-Noise Bypass (fixed voltage version only). Bypass with a low-leakage 0.01µF ceramic capacitor for
reduced noise at the output.
4
FB
Adjustable voltage version only—this is used to set the output voltage of the device.
5
OUT
Regulator Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com