Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

US2884 Datasheet(PDF) 4 Page - Melexis Microelectronic Systems

Part # US2884
Description  Bipolar Hall Switch - Very High Sensitivity
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US2884 Datasheet(HTML) 4 Page - Melexis Microelectronic Systems

  US2884 Datasheet HTML 1Page - Melexis Microelectronic Systems US2884 Datasheet HTML 2Page - Melexis Microelectronic Systems US2884 Datasheet HTML 3Page - Melexis Microelectronic Systems US2884 Datasheet HTML 4Page - Melexis Microelectronic Systems US2884 Datasheet HTML 5Page - Melexis Microelectronic Systems US2884 Datasheet HTML 6Page - Melexis Microelectronic Systems US2884 Datasheet HTML 7Page - Melexis Microelectronic Systems US2884 Datasheet HTML 8Page - Melexis Microelectronic Systems US2884 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
US2884
Bipolar Hall Switch – Very High Sensitivity
3901002884
Page 4 of 11
Data Sheet
Rev 004
Jan/06
6 General Electrical Specifications
DC Operating Parameters TA = 25
oC, V
DD = 3.5V to 24V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Voltage
VDD
Operating
3.5
24
V
Supply Current
IDD
B < BRP
5
mA
Output Saturation Voltage
VDSon
IOUT = 20mA, B > BOP
0.5
V
Output Leakage Current
IOFF
B < BRP, VOUT = 24V
0.01
10
µA
Output Rise Time
tr
VDD=12V, RL = 1kΩ, CL = 20pF
0.25
µs
Output Fall Time
tf
VDD=12V, RL = 1kΩ, CL = 20pF
0.25
µs
Maximum Switching Frequency
FSW
10
KHz
Package Thermal Resistance
RTH
Single layer (1S) Jedec board
301
°C/W
Table 3: Electrical specifications
7 Magnetic Specifications
DC Operating Parameters TA = -40
oC to 150oC, V
DD = 4V to 24V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operating Point
BOP
-2
6
mT
Release Point
BRP
-6
2
mT
Hysteresis
BHYST
1
6
mT
Table 4: Magnetic specifications
Note 1: For typical values, please refer to the performance graphs in section 11
8 Output Behaviour versus Magnetic Pole
DC Operating Parameters TA = -40
oC to 150oC, V
DD = 3.5V to 24V (unless otherwise specified)
Parameter
Test Conditions
OUT
South pole
B > BOP
Low
North pole
B < BRP
High
Table 5: Output behaviour versus magnetic pole
Note 1: The magnetic pole is applied facing the branded side of the package
South pole
OUT = low (VDSon)
North pole
OUT = high



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com