Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

US2884 Datasheet(PDF) 10 Page - Melexis Microelectronic Systems

Part # US2884
Description  Bipolar Hall Switch - Very High Sensitivity
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US2884 Datasheet(HTML) 10 Page - Melexis Microelectronic Systems

Back Button US2884 Datasheet HTML 3Page - Melexis Microelectronic Systems US2884 Datasheet HTML 4Page - Melexis Microelectronic Systems US2884 Datasheet HTML 5Page - Melexis Microelectronic Systems US2884 Datasheet HTML 6Page - Melexis Microelectronic Systems US2884 Datasheet HTML 7Page - Melexis Microelectronic Systems US2884 Datasheet HTML 8Page - Melexis Microelectronic Systems US2884 Datasheet HTML 9Page - Melexis Microelectronic Systems US2884 Datasheet HTML 10Page - Melexis Microelectronic Systems US2884 Datasheet HTML 11Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
US2884
Bipolar Hall Switch – Very High Sensitivity
3901002884
Page 10 of 11
Data Sheet
Rev 004
Jan/06
17 SE Package Information (TSOT23-3L)
2.75 BSC
1.60 BSC
0.88
+0.02
- 0.03
1.10 MAX
0.075
+0.025
- 0.050
SEATING PLANE
0.575 REF.
0.40+/-0.10
0.50 BSC
WITH PLATING
~
BASE METAL
SECTION B-B’
B
B’
Notes:
1. All dimensions are in millimeters
2. Outermost plastic extreme width does not include mold flash or
protrusions. Mold flash and protrusions shall not exceed
0.15mm per side.
3. Outermost plastic extreme length does not include mold flash
or protrusions. Mold flash and protrusions shall not exceed
0.25mm per side.
4. The lead width dimension does not include dambar protrusion.
Allowable dambar protrusion shall be 0.07mm total in excess
of the lead width dimension at maximum material condition.
5. Dimension is the length of terminal for soldering to a substrate.
6. Dimension on SECTION B-B’ are apply to the flat section of
the lead between 0.08mm and 0.15mm from the lead tip.
7. Formed lead shall be planar with respect to one another with
0.076mm at seating plane.
Marking:
Top side : 2884 - Name of the Device
Bottom side : xyww
x = last digit of lot number
y = last digit of year
ww = week
see note 2
see note 5
Hall plate location
Notes:
1. All dimensions are in millimeters
Package line
12° REF.
TYP.
0.35
+0.05
- 0.10
0.30
0.45
0.10 R.
MIN.
4°+/-4
0.10 R.
MIN.
see note 6
SEATING PLANE
TOP VIEW
TOP VIEW
0.275 TYP
END VIEW
END VIEW
SIDE VIEW
1.417+/-0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com