Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MDFLEX Datasheet(PDF) 3 Page - Copper 3D

Part # MDFLEX
Description  ANTI MICEOBIAL NANO COMPOSITE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPPER-3D [Copper 3D]
Direct Link  https://copper3d.com/
Logo COPPER-3D - Copper 3D

MDFLEX Datasheet(HTML) 3 Page - Copper 3D

  MDFLEX Datasheet HTML 1Page - Copper 3D MDFLEX Datasheet HTML 2Page - Copper 3D MDFLEX Datasheet HTML 3Page - Copper 3D MDFLEX Datasheet HTML 4Page - Copper 3D  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MD1
Flex is an innovative Nanocomposite developed with a high quality
TPU98A and a patented, scientifically validated and highly effective
Nano-Copper additive. This unique combination of technologies brings
the following characteristics to our products:
This graphic shows the results of 2
studies conducted by microbiology
laboratories in USA and Chile1,2.
Both studies confirm that the Colony
Forming Units (CFU) of Staphylococcus
aureus MRSA and Escherichia coli DH5
α, falls abruptly during the first 6 hours
of exposure to MD1
Flex (>95%),
continuing the elimination of bacterial
strains until reaching >98% elimination
at 8 hours and >99.99% elimination at
24 hours.
1. SITU Biosciences Microbiology Laboratory, USA.
2. Microbiology Laboratory of Universidad Católica de Valparaíso, Chile.
MD1 Flex ANTIMICROBIAL ACTIVITY
We believe in the power of innovation to reshape the future.
Antimicrobial action has been scientifically validated eliminating
more than 99.99% of fungi, viruses, bacteria and a wide range of
microorganisms.
Clinically tested in prosthesis for amputees with excellent results.
it's also ideal for the manufacture of other medical applications
where it’s dangerous to have bacterial contamination, such as
postoperative prostheses, wound dressing and orthopedic insoles.
Antimicrobial
properties
confirmed
by
two
microbiology
laboratories in Chile and USA.
PLACTIVE™ is a Biocompatible Material, certified as a
non-cytotoxic and skin contact approved material by the ISO
10993 standard.
The manufacturer also has certification ISO 9001/2015 and is
REACH compliant.
The Nano-Additive maintains all the mechanical properties of the
TPU98A material like strong & flexibility, high heat resistance
(138°C), 450% elongation at break and easy to print at vel.
>75mm/s.
CFU REDUCTION MD1 Flex



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com