Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MDFLEX Datasheet(PDF) 4 Page - Copper 3D

Part # MDFLEX
Description  ANTI MICEOBIAL NANO COMPOSITE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPPER-3D [Copper 3D]
Direct Link  https://copper3d.com/
Logo COPPER-3D - Copper 3D

MDFLEX Datasheet(HTML) 4 Page - Copper 3D

  MDFLEX Datasheet HTML 1Page - Copper 3D MDFLEX Datasheet HTML 2Page - Copper 3D MDFLEX Datasheet HTML 3Page - Copper 3D MDFLEX Datasheet HTML 4Page - Copper 3D  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3D PRINTER CONFIGURATION PARAMETERS WITH MD1 Flex
MATERIAL PROPERTIES OF MD1 Flex
BE A PART OF THIS NEW ECOSYSTEM AND JOIN
THE ANTIMICROBIAL 3D PRINTING REVOLUTION!
PRINTING TEMP. 235±10°C
PRINTING SPEED >75mm/seg.
LAYER HEIGHT ≥ 0.1mm
PRINT BED TEMP. 0°-60°C
Material properties
Description
Specific gravity
Tensile Strength at Yield
Elongation-Strain at Break
Tensile (E) modulus
Impact Strength Charpy method 23°C
Shore Hardness
Printing temperature
Melting temp.
Glass transition (Tg)
Vicat softening temperature
Testmethod
ISO 1183
ISO 527 1/2
ISO 527 1/2
ISO 527
ISO 179
ISO 7619-1
DF
ISO 294
DSC
ASTM D 1525
“Keep the package sealed until ready to use and reseal any unused material”
• MD1
Flex does not require a heated bed to stick well though you can set it to 0-60°C for extra reassurance.
• MD1
Flex works superb with a direct drive feeder, or newer types of Bowden FDM or FFF technology 3D printers.
• By changing the infill/amount of walls you can create the perception of a higher/lower shore than 98A.
• Storage: Cool and dry (15-25˚C) and away from UV light. This enhances the shelf life significantly.
Copper 3D expects each customer or user of its products to study the present document
carefully and ask for appropriate expertise to learn about its correct uses.
Copper 3D declares that the client is made fully accountable for the ultimate use given to
this product.
Typical value
1,16 g/cc
50 Mpa
450%
150 MPa
NB
98A
235±10°C
225°C
-16°C
138˚C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com