Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ND015D-SM02-R Datasheet(PDF) 3 Page - Superior Sensors Technology.

Part # ND015D-SM02-R
Description  Differential Middle Pressure Sensors Industrial Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERIOR-SENSORS [Superior Sensors Technology.]
Direct Link  https://superiorsensors.com/
Logo SUPERIOR-SENSORS - Superior Sensors Technology.

ND015D-SM02-R Datasheet(HTML) 3 Page - Superior Sensors Technology.

  ND015D-SM02-R Datasheet HTML 1Page - Superior Sensors Technology. ND015D-SM02-R Datasheet HTML 2Page - Superior Sensors Technology. ND015D-SM02-R Datasheet HTML 3Page - Superior Sensors Technology. ND015D-SM02-R Datasheet HTML 4Page - Superior Sensors Technology. ND015D-SM02-R Datasheet HTML 5Page - Superior Sensors Technology. ND015D-SM02-R Datasheet HTML 6Page - Superior Sensors Technology. ND015D-SM02-R Datasheet HTML 7Page - Superior Sensors Technology. ND015D-SM02-R Datasheet HTML 8Page - Superior Sensors Technology. ND015D-SM02-R Datasheet HTML 9Page - Superior Sensors Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ND Series
Industrial Middle Pressure Sensors
3
5 Feature List
Middle Pressure (psi Ranges)
Parameter
Sym
ND005D
ND015D
ND030D
Units
Notes
Number of FS Pressure Ranges
PNUM
6
6
6
Each
Specified FS Range Extents
PEXT
±0.5 to ±5
±1.0 to ±15
±5.0 to ±30
psi
Number of BW Filter Corners
BWNUM
8
Each
BW Corner Frequency Extents
fBWEXT
1.0 to 200
Hz
Common Mode Pressure
PCM
25
25
25
psi
1
Proof Pressure
PPROOF
15
35
100
psi
2
Burst Pressure
PBURST
17
40
125
psi
3
Middle Pressure Cont'd (psi Ranges)
Parameter
Sym
ND060D
ND100D
ND150D
Units
Notes
Number of FS Pressure Ranges
PNUM
7
7
6
Each
Specified FS Range Extents
PEXT
±10 to ±60
±40 to ±100
±50 to ±150
psi
Number of BW Filter Corners
BWNUM
8
Each
BW Corner Frequency Extents
fBWEXT
1.0 to 200
Hz
Common Mode Pressure
PCM
25
25
25
psi
1
Proof Pressure
PPROOF
150
200
250
psi
2
Burst Pressure
PBURST
175
250
300
psi
3
1) Pressure applied to both ports simultaneously without incurring part damage.
2) Pressure at which the sensor will not suffer permanent damage.
3) Pressure if exceeded could cause permanent damage to the sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com