Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ND015D-SM02-R Datasheet(PDF) 4 Page - Superior Sensors Technology.

Part # ND015D-SM02-R
Description  Differential Middle Pressure Sensors Industrial Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERIOR-SENSORS [Superior Sensors Technology.]
Direct Link  https://superiorsensors.com/
Logo SUPERIOR-SENSORS - Superior Sensors Technology.

ND015D-SM02-R Datasheet(HTML) 4 Page - Superior Sensors Technology.

  ND015D-SM02-R Datasheet HTML 1Page - Superior Sensors Technology. ND015D-SM02-R Datasheet HTML 2Page - Superior Sensors Technology. ND015D-SM02-R Datasheet HTML 3Page - Superior Sensors Technology. ND015D-SM02-R Datasheet HTML 4Page - Superior Sensors Technology. ND015D-SM02-R Datasheet HTML 5Page - Superior Sensors Technology. ND015D-SM02-R Datasheet HTML 6Page - Superior Sensors Technology. ND015D-SM02-R Datasheet HTML 7Page - Superior Sensors Technology. ND015D-SM02-R Datasheet HTML 8Page - Superior Sensors Technology. ND015D-SM02-R Datasheet HTML 9Page - Superior Sensors Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ND Series
Industrial Middle Pressure Sensors
www.SuperiorSensors.com
4
6 Performance Characteristics
Note: Unless otherwise specified, characteristics specified with VDD = 3.3V, TA = 25C
Parameter
Sym
All Series Devices
Units
Notes
Min
Typ
Max
Accuracy
PACC
-
0.05
0.2
% RNG
1, 2
Total Error Band
TEB
-
0.1
0.5
% FSS
3
TEB After AZ
TEBAZ
-
0.05
0.3
% FSS
7
Long Term Stability
LTS
-
0.05
0.15
% FSS/YR1
8
Thermal Hysteresis
THYS
-
0.05
-
% FSS
Pressure Hysteresis
PHYS
-
0.05
-
% RNG
1
Supply Rejection
PSR
-
0.0002
-
% FSS/mV
Resolution
RES
-
16
-
bit
4
System ENOB
ENOB
-
17
-
BitRMS
5
Data Update Rate
fUPDATE
432
444
456
Hz
6
1) Percentage of selected range.
2) Uncertainty limited by system noise for ranges of 0.5 inH2O and below.
3) Includes errors of offset, span, hysteresis and thermal effects.
4) Each selected range has the specified resolution
5) ENOB stated for fBW set to 1.0 Hz.
6) The internal update rate is fixed and does not change with range or filter settings. Sampling at lower data rates are possible provided the
Nyquist frequency is observed. It is suggested to sample at least 3x the set fBW frequency.
7) Total error band within 24 hours of a sensor auto-zero. Includes all error components of TEB.
8) YR1 is the first year. The most significant drift occurs during the first year and is lessened for each subsequent year. For each subsequent
year, use 25% of the prior years' drift figure to estimate the drift for that specific year.
7 Electrical Characteristics
7.1 Supply Characteristics
Parameter
Sym
All Series Devices
Units
Notes
Min
Typ
Max
Supply Current
IDD
-
5.0
5.5
mA
Supply Capacitance
CDD
-
10
-
uF
1
1) Supply capacitance is provided within the part however it is recommended to include a 0.1 uF decoupling cap near the supply pads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com