Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BB-400. Datasheet(PDF) 3 Page - Brainboxes Limited

Part # BB-400.
Description  BB-400 NeuronEdge Smart Controller for Industry 4
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRAINBOXE [Brainboxes Limited]
Direct Link  https://www.brainboxes.com/
Logo BRAINBOXE - Brainboxes Limited

BB-400. Datasheet(HTML) 3 Page - Brainboxes Limited

  BB-400. Datasheet HTML 1Page - Brainboxes Limited BB-400. Datasheet HTML 2Page - Brainboxes Limited BB-400. Datasheet HTML 3Page - Brainboxes Limited BB-400. Datasheet HTML 4Page - Brainboxes Limited BB-400. Datasheet HTML 5Page - Brainboxes Limited BB-400. Datasheet HTML 6Page - Brainboxes Limited BB-400. Datasheet HTML 7Page - Brainboxes Limited BB-400. Datasheet HTML 8Page - Brainboxes Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BB
RANGE
UK +44 (0)151 220 2500 // USA +1 855 958 2502 // JAPAN +81-3-3683-0509
www.brainboxes.com // sales@brainboxes.com
Ethernet Port Pin Outs
PIN
FUNCTION
1
RD+ / TD+
2
RD- / TD-
3
TD+ / RD+
4
NC
5
NC
6
TD- / RD-
7
NC
8
NC
Terminal Block Pin Outs
Terminal Block
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
Green
-V
DIO 0
DIO 1
DIO 2
DIO 3
Yellow
-V
DIO 4
DIO 5
DIO 6
DIO 7
Grey - RS232
Sig GND
CTS
RxD
RTS
TxD
Grey - RS422/485 FD
Sig GND
RxD-
RxD+
TxD+
TxD-
Grey - RS485 HD
Sig GND
Data+
Data-
Black
-V
+V A
+V B
-V
Func GND
Power Input
+5V to +30V DC 15W Max
Housing
IP-20 rated non-conducting polyamide case
Connectors
Screw Terminals
3.5mm pitch
Wire Thickness Power Terminal
0.5 - 2.5 mm2, #22 - #14 AWG
Wire Thickness
0.14 - 1.3 mm2, #26 - #16 AWG
Environmental
Operating Temperature
-20ºC to +70ºC/-4ºF to +158ºF
Storage Temperature
-40ºC to +80ºC/-40ºF to +176ºF
Ambient Relative Humidity
5 to 95% (non-condensing)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com