Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BB-400. Datasheet(PDF) 6 Page - Brainboxes Limited

Part # BB-400.
Description  BB-400 NeuronEdge Smart Controller for Industry 4
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRAINBOXE [Brainboxes Limited]
Direct Link  https://www.brainboxes.com/
Logo BRAINBOXE - Brainboxes Limited

BB-400. Datasheet(HTML) 6 Page - Brainboxes Limited

  BB-400. Datasheet HTML 1Page - Brainboxes Limited BB-400. Datasheet HTML 2Page - Brainboxes Limited BB-400. Datasheet HTML 3Page - Brainboxes Limited BB-400. Datasheet HTML 4Page - Brainboxes Limited BB-400. Datasheet HTML 5Page - Brainboxes Limited BB-400. Datasheet HTML 6Page - Brainboxes Limited BB-400. Datasheet HTML 7Page - Brainboxes Limited BB-400. Datasheet HTML 8Page - Brainboxes Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BB
RANGE
UK +44 (0)151 220 2500 // USA +1 855 958 2502 // JAPAN +81-3-3683-0509
www.brainboxes.com // sales@brainboxes.com
Digital Channels - 8 Ports individually selectable as Inputs or Outputs
Inputs
User programmable counts positive or negative transitions up to 200Hz
NPN/PNP
Jumper selectable pull up for NPN, active low, type sensors and pull down
for PNP, active high, type sensors
Logic Level 0:
-0V to +1V
Logic Level 1:
+2V to +30V
Latched Inputs:
Triggered by user programmable positive or negative edges, stays true
until acknowledged
Outputs
Can be set to predetermined values on power on
Maximum output current
1 channel driven: Sinks up to 0.85 Amp max
Max combined load 4 Amps per BB device
Characteristic:
Open drain output, protected MosFET intelligent short circuit protection
up to 36V
Maximum output load
Voltage
30V
ESD Production
16kV
IO processing
Arduino processing real time signals
IO Protocols
Modbus TCP or DCON ASCII (over TCP or Virtual COM port)
IO protocols
WebSocket, ASCII
TCP, REST, ASCII
over Serial
Allow communication with the BB-400 to get and set values of IO lines over the local
network or from the device itself. This is different to protocols that send data up to
the cloud.
WebSocket
1.
Number of simultaneous connections
2.
Throughput
3.
Average response time
ASCII
1.
Number of connections per second
2.
Max number of commands per second
3.
Average response time
REST
1.
Number of connections per second
2.
Max number of commands per second
3.
Average response time
ASCII over Serial
1.
Commands per second
2.
Average response time
Cloud
Connectivity
Brainboxes are developing support for the following cloud platforms….
Amazon webservices, Azure, Google cloud platform, IBM Watson
Soon you will able to stream data to these services simply by entering your
credentials. You have the option to write and deploy your own connection to the
cloud platform of your choice.
The I/O lines run on an Arduino compatible microcontroller, giving you
access to the vast library of Arduino I/O functionality.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com