Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KF15BDT Datasheet(PDF) 10 Page - STMicroelectronics

Part # KF15BDT
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KF15BDT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button KF15BDT Datasheet HTML 6Page - STMicroelectronics KF15BDT Datasheet HTML 7Page - STMicroelectronics KF15BDT Datasheet HTML 8Page - STMicroelectronics KF15BDT Datasheet HTML 9Page - STMicroelectronics KF15BDT Datasheet HTML 10Page - STMicroelectronics KF15BDT Datasheet HTML 11Page - STMicroelectronics KF15BDT Datasheet HTML 12Page - STMicroelectronics KF15BDT Datasheet HTML 13Page - STMicroelectronics KF15BDT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
KF00
10/17
ELECTRICAL CHARACTERISTICS FOR KF60 (refer to the test circuits, Tj = 25°C, CI =0.1 µF,
CO =2.2 µF unless otherwise specified.)
ELECTRICAL CHARACTERISTICS FOR KF80B (refer to the test circuits, Tj = 25°C, CI =0.1 µF,
CO =2.2 µF unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
IO =50 mA, VI =8 V
5.88
6
6.12
V
IO =50 mA, VI =8 V, Ta = -25 to 85°C
5.76
6.24
VI
Operating Input Voltage
IO = 500 mA
20
V
IO
Output Current Limit
1
A
∆V
O
Line Regulation
VI =7 to 20 V,
IO =5 mA
4
24
mV
∆V
O
Load Regulation
VI =7.3 V,
IO = 5 to 500 mA
2
50
mV
Id
Quiescent Current
VI =7 to 20V, IO = 0mA
(ON MODE)
0.7
1.5
mA
VI = 7.3 to 20V, IO =500mA
12
VI =9 V
(OFF MODE)
70
140
µA
SVR
Supply Voltage Rejection
IO =5mA
VI =8 ± 1 V
f = 120 Hz
75
dB
f= 1KHz
70
f= 10 KHz
60
eN
Output Noise Voltage
B = 10 Hz to 100 KHz
50
µV
Vd
Dropout Voltage
IO = 200 mA
0.2
0.35
V
IO = 500 mA
0.4
0.7
VIL
Control Input Logic Low
Ta = -40 to 125°C
0.8
V
VIH
Control Input Logic High
Ta = -40 to 125°C
2
V
II
Control Input Current
VI =9 V,
VC =6V
10
µA
CO
Output Bypass Capacitance ESR = 0.1 to 10
Ω
IO = 0 to 500 mA
2
10
µF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
IO =50 mA, VI =10 V
7.84
8
8.16
V
IO =50 mA, VI =10 V,Ta = -25 to 85°C
7.68
8.32
VI
Operating Input Voltage
IO = 500 mA
20
V
IO
Output Current Limit
1
A
∆V
O
Line Regulation
VI =9 to 20 V,
IO =5 mA
4
24
mV
∆V
O
Load Regulation
VI =9.3 V,
IO = 5 to 500 mA
2
50
mV
Id
Quiescent Current
VI =9 to 20V, IO = 0mA
(ON MODE)
0.7
1.5
mA
VI = 9.3 to 20V, IO =500mA
12
VI =9 V
(OFF MODE)
70
140
µA
SVR
Supply Voltage Rejection
IO =5mA
VI =10 ± 1V
f = 120 Hz
72
dB
f= 1KHz
67
f= 10 KHz
60
eN
Output Noise Voltage
B = 10 Hz to 100 KHz
50
µV
Vd
Dropout Voltage
IO = 200 mA
0.2
0.35
V
IO = 500 mA
0.4
0.7
VIL
Control Input Logic Low
Ta = -40 to 125°C
0.8
V
VIH
Control Input Logic High
Ta = -40 to 125°C
2
V
II
Control Input Current
VI =9 V,
VC =6V
10
µA
CO
Output Bypass Capacitance ESR = 0.1 to 10
Ω
IO = 0 to 500 mA
2
10
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com