Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KF15BDT Datasheet(PDF) 12 Page - STMicroelectronics

Part # KF15BDT
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KF15BDT Datasheet(HTML) 12 Page - STMicroelectronics

Back Button KF15BDT Datasheet HTML 8Page - STMicroelectronics KF15BDT Datasheet HTML 9Page - STMicroelectronics KF15BDT Datasheet HTML 10Page - STMicroelectronics KF15BDT Datasheet HTML 11Page - STMicroelectronics KF15BDT Datasheet HTML 12Page - STMicroelectronics KF15BDT Datasheet HTML 13Page - STMicroelectronics KF15BDT Datasheet HTML 14Page - STMicroelectronics KF15BDT Datasheet HTML 15Page - STMicroelectronics KF15BDT Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
KF00
12/17
TYPICAL PERFORMANCE CHARACTERISTICS (unless otherwise specified VO(NOM) =3.3 V)
Figure 1 : Dropout Voltage vs Output Current
Figure 2 : Dropout Voltage vs Temperature
Figure 3 : Supply Current vs Input Voltage
Figure 4 : Supply Current vs Input Voltage
Figure 5 : Short Circuit Current vs Input Voltage
Figure 6 : Supply Voltage Rejection vs Input
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com